Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV82X6 Datasheet(PDF) 86 Page - STMicroelectronics

Part # STV82X6
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STV82X6 Datasheet HTML 82Page - STMicroelectronics STV82X6 Datasheet HTML 83Page - STMicroelectronics STV82X6 Datasheet HTML 84Page - STMicroelectronics STV82X6 Datasheet HTML 85Page - STMicroelectronics STV82X6 Datasheet HTML 86Page - STMicroelectronics STV82X6 Datasheet HTML 87Page - STMicroelectronics STV82X6 Datasheet HTML 88Page - STMicroelectronics STV82X6 Datasheet HTML 89Page - STMicroelectronics STV82X6 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 95 page
background image
Electrical Characteristics
STV82x6
86/95
11.6
SIF to LS/HP/SCART Path Characteristics
11.7
SCART to SCART Analog Path Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
FM Demodulation
BANDFM
Frequency Response
20Hz - 15kHz
-1.5
+1.5
dB
SNRFM
Signal to Noise
RMS unweighted, 20Hz-15kHz,
Standard B/G 50 kHz FM Deviation,1kHz
LS Output 0.7 VRMS
70
dB
THDFM
Total Harmonic Distortion
0.1
%
SEPFM
Stereo Channel Separation
RMS
Standard B/G stereo A2, 50 kHz FM
deviation, 1 kHz
45
dB
XTALKFM
Dual Channel Crosstalk
RMS
Standard B/G dual mono A2, 50 kHz FM
deviation, 1 kHz
80
dB
NICAM Demodulation
BANDNIC
Frequency Response
20Hz - 15kHz
-1.0
+1.0
dB
SNRNIC
Signal to Noise
RMS unweighted, 20Hz-15kHz,
Standard B/G mono NICAM,1 kHz
LS Output 0.7 VRMS
72
dB
THDNIC
Total Harmonic Distortion
0.1
%
SEPNIC
Stereo Channel Separation
RMS
Standard B/G stereo NICAM, 1 kHz
80
dB
XTALKNIC
Dual Channel Crosstalk
RMS
Standard B/G dual mono NICAM, 1 kHz
80
dB
AM Demodulation
BANDAM
Frequency Response
20 Hz - 15 kHz
-1.0
+1.0
dB
SNRAM
Signal to Noise
RMS unweighted 2 0Hz-15 kHz,
Standard L, 54% AM Depth, 1 kHz
LS Output 0.7 VRMS
50
dB
THDAM
Total Harmonic Distortion
0.6
%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Analog-to-Analog (Through mode)
RINSCART
SCART Input Resistance
24
30
40
k
W
ROUTSCART
Output Resistance for SCARTs
250
300
450
W
VDCINSCART SCART Input DC Level
2.55
V
VDCOUTSCART SCART Output DC Level
VDDH = 5 V
VDDH = 8 V
2.20
3.40
V
Clipping
THD
VIN = 2 VRMS at 1 kHz for VDDH = 8 V
0.1
0.5
%
THD
Total Harmonic Distortion
VIN = 1.00 VRMS at 1 kHz for VDDH = 5 V
VIN = 1.75 VRMS at 1 kHz for VDDH = 8 V
0.0125
0.0125
0.03
0.05
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com