Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV82X6 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV82X6
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV82X6 Datasheet HTML 11Page - STMicroelectronics STV82X6 Datasheet HTML 12Page - STMicroelectronics STV82X6 Datasheet HTML 13Page - STMicroelectronics STV82X6 Datasheet HTML 14Page - STMicroelectronics STV82X6 Datasheet HTML 15Page - STMicroelectronics STV82X6 Datasheet HTML 16Page - STMicroelectronics STV82X6 Datasheet HTML 17Page - STMicroelectronics STV82X6 Datasheet HTML 18Page - STMicroelectronics STV82X6 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 95 page
background image
15/95
STV82x6
Audio Processor Block
3
Audio Processor Block
3.1
Main Features
The STV82x6 Audio Processor is based on a dedicated audio Digital Signal Processor (DSP) that
performs basic and advanced audio post-processing for 4 different output audio channels.
3.1.1
Loudspeaker and Subwoofer Features
Smart Volume Control (See Note 1)
Spatial effects:
— Pseudo Stereo (for Mono source)
— ST WideSurround (“Movie” and “Music” modes for Stereo source)
5-band Equalizer
Volume and Balance controls (See Note 4)
Automatic Loudness control
Subwoofer (See Note 4)
Beeper (See Note 3)
Additionally on STV8226/36 only:
SRS
ä 3D Mono signal processing
SRS
ä 3D Stereo signal processing
3.1.2
Headphone (See Note 2)
Smart Volume Control (See Note 1)
Bass and Treble controls
Volume and Balance controls
Beeper (See Note 3)
Note: 1 The Smart Volume Control can be used in either the loudspeaker or headphone path, but not both
at the same time.
2 The headphone is forced into Mono mode when the subwoofer is active.
3 The beeper is common for both the loudspeaker and the headphone.
4 The Auto-mute function is activated when a headphone plug is detected.
5 All audio postprocessing can be disabled.
3.1.3
SCART 1 and 2 Outputs
No audio post-processing
3.1.4
I²S Output
No audio post-processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com