Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV82X6 Datasheet(PDF) 87 Page - STMicroelectronics

Part # STV82X6
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button STV82X6 Datasheet HTML 83Page - STMicroelectronics STV82X6 Datasheet HTML 84Page - STMicroelectronics STV82X6 Datasheet HTML 85Page - STMicroelectronics STV82X6 Datasheet HTML 86Page - STMicroelectronics STV82X6 Datasheet HTML 87Page - STMicroelectronics STV82X6 Datasheet HTML 88Page - STMicroelectronics STV82X6 Datasheet HTML 89Page - STMicroelectronics STV82X6 Datasheet HTML 90Page - STMicroelectronics STV82X6 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 95 page
background image
87/95
STV82x6
Electrical Characteristics
11.8
SCART to I2S Output Path (via ADC) Characteristics
11.9
MONOIN to ADC and I2S Output Path Characteristics
11.10 I2S to LS/HP/SW Path Characteristics
SNR
Signal to Noise Ratio
20 to 20 kHz Bandwidth, RMS unweighted
VIN = 1.00 VRMS for VDDH = 5 V
VIN = 1.75 VRMS for VDDH = 8 V
75
80
85
90
dB
BAND
Frequency Response
20 Hz to 20 kHz
-0.5
0.5
dB
XTALKL/R
Left/Right Crosstalk
1.4 VRMS @ 1 kHz on ref signal, the other
one grounded
70
75
dB
XTALKIN1/2
Audio Crosstalk from Input
Channel 1 to Input Channel 2
1.4 VRMS @ 1 kHz on ref signal, all other
inputs grounded
80
85
dB
XTALKOUT1/2
Audio Crosstalk from Output
Channel 1 to Output Channel 2
1.4 VRMS @ 1 kHz on reference output,
signal on a single input, all other inputs
grounded
80
85
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
Clipping
THD
VIN = 1 VRMS at 1 kHz for VDDH = 5 V
VIN = 2 VRMS at 1 kHz for VDDH = 8 V
0.5
0.2
2.0
2.0
%
THD
Total Harmonic Distortion
VIN = 0.90 VRMS at 1 kHz for VDDH = 5 V
VIN = 1.75 VRMS at 1 kHz for VDDH = 8 V
0.03
0.03
0.05
0.05
%
SNR
Signal to Noise Ratio
20 to 15 kHz Bandwidth, RMS unweighted
VIN = 0.90 VRMS for VDDH = 5 V
VIN = 1.75 VRMS for VDDH = 8 V
70
70
74
74
dB
BAND
Frequency Response
20 Hz to 15 kHz
-0.5
0.5
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
RINMONOIN
MONO Input Resistance
15
22
30
k
W
VDCINMONOIN MONO Input DC Level
1.45
V
THD
Total Harmonic Distortion
VIN = 0.45 VRMS at 1 kHz
0.03
0.05
%
SNR
Signal to Noise Ratio
20 to 15 kHz Bandwidth, RMS unweighted
VIN = 0.45 VRMS
70
74
dB
BAND
Frequency Response
20 Hz to 15 kHz
-0.5
0.5
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
ROUTMAIN
Output Resistance for Main
Outputs
LSL, LSR, SW, HPL and HPR pins
5
30
W
VDCOUTMAIN MAIN Output DC Level
2.20
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com