Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV82X6 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STV82X6
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STV82X6 Datasheet HTML 33Page - STMicroelectronics STV82X6 Datasheet HTML 34Page - STMicroelectronics STV82X6 Datasheet HTML 35Page - STMicroelectronics STV82X6 Datasheet HTML 36Page - STMicroelectronics STV82X6 Datasheet HTML 37Page - STMicroelectronics STV82X6 Datasheet HTML 38Page - STMicroelectronics STV82X6 Datasheet HTML 39Page - STMicroelectronics STV82X6 Datasheet HTML 40Page - STMicroelectronics STV82X6 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 95 page
background image
37/95
STV82x6
Register List
I2S
I²S Interface Control Register
Description
Proposes most used I²S standard (Philips and Sony) with Word Select (WS) polarity programming.
Only Master mode is supported. All interfaced chip must be set in slave mode.
9.3
Analog Block
ANA_CTRL
Power Supply Configuration Control Register
Address (hex): 04h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
I2S_STD
I2S_WSPOL
0
0
Bit Name
Reset
Function
Bits[7:4]
0000
Reserved.
I2S_STD
0
I²S Standard Select
0: Philips Standard (Default)
1: Sony Standard
I2S_WSPOL
0
I²S Word Select Polarity Select
0: No WS inversion (Default)
1: WS with polarity inversion
Bits[1:0]
00
Reserved.
Address (hex): 05h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SEL5V
0
00
0
00
0
Bit Name
Reset
Function
SEL5V
0
5 V Analog Power Supply Select
The audio power amplifiers should be muted before changing this bit.
0: 8 V Analog Power Supply (Default).
1: 5 V Analog Power Supply
Bit[6:0]
0000000
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com