Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV82X6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV82X6
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV82X6 Datasheet HTML 6Page - STMicroelectronics STV82X6 Datasheet HTML 7Page - STMicroelectronics STV82X6 Datasheet HTML 8Page - STMicroelectronics STV82X6 Datasheet HTML 9Page - STMicroelectronics STV82X6 Datasheet HTML 10Page - STMicroelectronics STV82X6 Datasheet HTML 11Page - STMicroelectronics STV82X6 Datasheet HTML 12Page - STMicroelectronics STV82X6 Datasheet HTML 13Page - STMicroelectronics STV82X6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
Demodulator Block
STV82x6
10/95
2
Demodulator Block
Note:
Zweiton is the Dual (Two Tone) FM stereo or A2 system.
2.1
Digital Demodulator
2.1.1
Sound IF Signal
The Analog Sound Carrier IF is connected to STV82x6 via the SIF pin. Before Analog-to-Digital
Conversion (ADC), an Automatic Gain Control (AGC) is performed to adjust the incoming IF signal
to the full scale of the ADC. A preliminary video rejection is recommended to optimize conversion
and demodulation performances. The AGC system provides a wide range of SIF input levels and is
activated for all standards, except L/L’. In this particular case, the sound carrier is AM-modulated
and an automatic level adjustment would only damage transmitted audio signal. A preset I²C
parameter is required to define the gain of the AGC used in Manual mode (Registers AGCC and
AGCS).
2.1.2
Demodulation
The demodulation system operates by default in Automatic mode. In this mode, the STV82x6 is able
to identify and demodulate any TV sound standard including NICAM and A2 systems (see
Table 2) without any external control via the I²C interface. It consists of the two demodulation
channels (Channel 1 = Mono Left and Channel 2 = Mono Right/Stereo) to simultaneously process
two sound carriers in order to handle all transmission modes (stereo and up to three mono
languages). The built-in Automatic Standard Recognition System (AUTOSTD) automatically
programs the appropriate bits in the I²C registers which are forced to Read-only mode for users
(see Section 9.1). The programming is optimized for each standard to be identified and
demodulated.
Figure 6: Demodulator Block Diagram
Mixer
Mixer
DCO2 +
Channel
Filter
FIR1
Channel
Filter
FIR2
AM
Demodulator
FM
Demodulator
FM
Demodulator
DQPSK
Demodulator
AUTOSTD
AGC
Control
SIF
NICAM
Decoder
DCO1+
Zweiton
A/D
NICAML
NICAMR
AM/FM Mono
AM
FML
FM Stereo
AUTO_CTRL(50h)
AUTO_SCKM(51h)
AUTO_SCKST(52h)
AUTO_STAT(54h)
DEMOD_STAT(0Dh)
ZWT_STAT(41h)
NICAM_STAT(3Fh)
CAROFFSET1(22h)
CAROFFSET2(3Ah)
Channel 1 = Mono Left
Channel 2 = Stereo/Mono Right
AGCC(0Eh)
AGCS(0Fh)
(To Sound Preprocessing)
(To Sound Preprocessing)
(To Sound Preprocessing)
Decoder
AGC
Amp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com