Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV82X6 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STV82X6
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STV82X6 Datasheet HTML 23Page - STMicroelectronics STV82X6 Datasheet HTML 24Page - STMicroelectronics STV82X6 Datasheet HTML 25Page - STMicroelectronics STV82X6 Datasheet HTML 26Page - STMicroelectronics STV82X6 Datasheet HTML 27Page - STMicroelectronics STV82X6 Datasheet HTML 28Page - STMicroelectronics STV82X6 Datasheet HTML 29Page - STMicroelectronics STV82X6 Datasheet HTML 30Page - STMicroelectronics STV82X6 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 95 page
background image
27/95
STV82x6
Power Supplies
7
Power Supplies
7.1
Supply Voltages
The STV82x6 supports different power configurations due to its integrated voltage regulators.
Typically, two power supplies, which are grouped into two sets of IC pins, are required.
1. Digital Power Supply (DPS) This supply may be either 3.3 V or 5 V if an external power
transistor is used. The DPS supplies pins VDD1, VDD2 and VDDP.
—In 3.3 V mode, the power is directly supplied to the digital power pins. In this case, the REG
pin is not used and must be connected to the ground.
— 5 V mode requires the use of an external transistor coupled to the integrated voltage
regulator via the REG pin in order to generate a stable 3.3 V supply to the digital power pins.
2. Analog Power Supply (APS) This supply may be either 8 V or 5 V. In both cases, external
resistors are required, except for pin VDDH. The APS supplies pins VDDIF, VDDC, VDDA and
VDDH.
—The 8 V power supply is directly connected to pin VDDH and offers a 2 VRMS dynamic
voltage on SCART outputs. The other analog power pins can be supplied with an 8 V or 5 V
supply through external resistors.
— If only a 5 V power supply is available for pin VDDH, the SCART outputs will be reduced to
1VRMS. In this case, the SEL5V bit must be set in register ANA_CTRL.
Figure 16: 3.3V / 8V or 3.3V / 5V Application
3.3 V
Regulator
Digital Core
Clock Generator
Analog
REG
VDDH
STV82x6
3.3 V
DPS
Standby
VDD1
VDD2
VDDP
8 or 5 V
APS
Core
Digital
3.3 V
Regulator
Analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com