Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STV82X6 Datasheet(PDF) 88 Page - STMicroelectronics

Part # STV82X6
Description  Multistandard TV Audio Processor and Digital Sound Demodulator
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X6 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STV82X6 Datasheet HTML 84Page - STMicroelectronics STV82X6 Datasheet HTML 85Page - STMicroelectronics STV82X6 Datasheet HTML 86Page - STMicroelectronics STV82X6 Datasheet HTML 87Page - STMicroelectronics STV82X6 Datasheet HTML 88Page - STMicroelectronics STV82X6 Datasheet HTML 89Page - STMicroelectronics STV82X6 Datasheet HTML 90Page - STMicroelectronics STV82X6 Datasheet HTML 91Page - STMicroelectronics STV82X6 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 95 page
background image
Electrical Characteristics
STV82x6
88/95
11.11 I2S to SCART Path Characteristics
11.12 Loudspeaker and Headphone Volume Control Characteristics
11.13 MUTE Performance
11.14 Digital I/Os
THD
Total Harmonic Distortion
90% Full-scale Range at 1 kHz
0.025
0.050
%
SNR
Signal to Noise Ratio
20 to 15 kHz Bandwidth, RMSunweighted,
90% Full-scale Range
72
76
dB
VOUTAMP
MAIN Output Amplitude
90% Full-scale Range at 1 kHz
0.800
0.875
0.950
VRMS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
THD
Total Harmonic Distortion
90% Full-scale Range at 1 kHz
0.025
0.100
%
SNR
Signal to Noise Ratio
20 Hz to 15 kHz Bandwidth unweighted,
90% Full-scale Range
72
76
dB
VOUTAMP
MAIN Output Amplitude
90% Full-scale Range at 1 kHz, VDDH = 8V
1.60
1.75
1.90
VRMS
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VOL_MIN
Maximum Attenuation
I2S to DAC at 1 kHz with 1 active channel
82
90
dB
VOL_DNL
Maximum Non-Linearity Step to
Step
Volume Control Range of 0 dB to 72 dB
0.1
0.3
dB
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
DAC Mute
I2S to DAC at 1 kHz with 1 active channel
85
95
SCART Mute
1.4 VRMS @ 1 kHz on ref signal, all other
inputs grounded
78
81
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
IL
Low Level Input Voltage
0.5
V
V
IH
High Level Input Voltage
2.0
V
IIN
Input Current
1
mA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com