Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP1001 Datasheet(PDF) 3 Page - International Rectifier

Part # IP1001
Description  Full Function Synchronous Buck Power Block
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1001 Datasheet(HTML) 3 Page - International Rectifier

  IP1001 Datasheet HTML 1Page - International Rectifier IP1001 Datasheet HTML 2Page - International Rectifier IP1001 Datasheet HTML 3Page - International Rectifier IP1001 Datasheet HTML 4Page - International Rectifier IP1001 Datasheet HTML 5Page - International Rectifier IP1001 Datasheet HTML 6Page - International Rectifier IP1001 Datasheet HTML 7Page - International Rectifier IP1001 Datasheet HTML 8Page - International Rectifier IP1001 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.irf.com
3
iP1001
Electrical Specifications (continued)
Notes :
1
For Vin less than 4.5V requires external 5V
DD supply.
2
Can be modified to operate up to 3.3V
OUT, outside of DAC settable range. See Design Guidelines on how to set
output voltage greater than 2V.
3 See design guidelines.
4
See Fig. 5 for Recommended Operating Area
Parameter
Symbol
Min
Typ
Max
Units
Conditions
VDD Operating Current
IVDD
-25
-
mA
Enable High, 300kHz
VDD Quiescent Current
IQVDD
-600
-
µA
Shutdown mode
VIN Quiescent Current
IQVIN
--
1
mA
Enable Low, VIN = 12V
ILIM to SGND Internal Resistance
-300
-
k
Measured ILIM pin to SGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com