Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP1001 Datasheet(PDF) 4 Page - International Rectifier

Part # IP1001
Description  Full Function Synchronous Buck Power Block
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1001 Datasheet(HTML) 4 Page - International Rectifier

  IP1001 Datasheet HTML 1Page - International Rectifier IP1001 Datasheet HTML 2Page - International Rectifier IP1001 Datasheet HTML 3Page - International Rectifier IP1001 Datasheet HTML 4Page - International Rectifier IP1001 Datasheet HTML 5Page - International Rectifier IP1001 Datasheet HTML 6Page - International Rectifier IP1001 Datasheet HTML 7Page - International Rectifier IP1001 Datasheet HTML 8Page - International Rectifier IP1001 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.irf.com
4
iP1001
Fig 1. Power Loss vs Current
Fig 2. Safe Operating Area (SOA) vs T
PCB
Adjusting the Power Loss and SOA curves for different operating conditions
To make adjustments to the power loss curves in Fig. 1, multiply the normalized value obtained from the curves in Figs. 3,
or 4 by the value indicated on the power loss curve in Fig. 1. If multiple adjustments are required, multiply all of the
normalized values together, then multiply that product by the value indicated on the power loss curve in Fig. 1. The resulting
product is the final power loss based on all factors.
To make adjustments to the SOA curve in Fig. 2, determine the maximum allowed PCB temperature in Fig. 2 at the required
operating current. Then, add the correction temperature from the normalized curves in Figs. 3 or 4 to find the final maximum
allowable PCB temperature. When multiple adjustments are required, add all of the temperatures together, then add the sum
to the PCB temperature indicated on the SOA graph to determine the final maximum allowable PCB temperature based on
all factors.
Note: If input voltage <5Vin nominal operation is required then first see Fig. 5 for maximum current capability limit.
Operating Conditions for the examples below:
Output Current = 20A
Input Voltage = 7V
Output Voltage = 2.5V
Adjusting for Maximum Power Loss:
(Fig. 1)
Maximum power loss
=5 W
(Fig. 3)
Normalized power loss for output voltage
≈1.14
(Fig. 4)
Normalized power loss for input voltage
≈0.89
Adjusted Power Loss = 5W x 0.89 x 1.14
≈ 5.07W
Adjusting for SOA Temperature:
(Fig. 2)
SOA PCB Temperature = 90°C
(Fig. 3)
Normalized SOA PCB Temperature for output voltage
≈ -4.5°C
(Fig. 4)
Normalized SOA PCB Temperature for input voltage
≈ 4°C
Adjusted SOA PCB Temperature = 90°C + 4°C -4.5°C
≈ 89.5°C
Guaranteed Performance Curves
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10
12
14
16
18
20
Output Current (A)
VIN = 12V
VOUT = 1.3V
TBLK=125°C
fsw set to 300kHZ
Maximum
Typical
0
2
4
6
8
10
12
14
16
18
20
22
0
1020
30405060
708090 100 110 120 130
PCB Temperature (°C)
VIN = 12V
VOUT = 1.3V
fsw set to 300kHZ
Safe Operating Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com