Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP1001 Datasheet(PDF) 1 Page - International Rectifier

Part # IP1001
Description  Full Function Synchronous Buck Power Block
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1001 Datasheet(HTML) 1 Page - International Rectifier

  IP1001 Datasheet HTML 1Page - International Rectifier IP1001 Datasheet HTML 2Page - International Rectifier IP1001 Datasheet HTML 3Page - International Rectifier IP1001 Datasheet HTML 4Page - International Rectifier IP1001 Datasheet HTML 5Page - International Rectifier IP1001 Datasheet HTML 6Page - International Rectifier IP1001 Datasheet HTML 7Page - International Rectifier IP1001 Datasheet HTML 8Page - International Rectifier IP1001 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
• 3.3V to 12V input voltage1
• 20A maximum load capability, with no derating up to T
PCB = 90°C
• 5 bit DAC settable, 0.925V to 2V output voltage range 2
• Configurable down to 3.3Vin & up to 3.3Vout with simple external circuit 3
• 200kHz or 300kHz nominal switching frequency
• Optimized for very low power losses
• Over & undervoltage protection
• Adjustable lossless current limit
• Internal features minimize layout sensitivity *
• Very small outline 14mm x 14mm x 3mm
Full Function Synchronous Buck Power Block
Integrated Power Semiconductors, Control IC & Passives
The iP1001 is a fully optimized solution for high current synchronous buck applications requiring up to 20A.
The iP1001 is optimized for single-phase applications, and includes a full function fast transient response
PWM control, with an optimized power semiconductor chip-set and associated passives, achieving benchmark
power density. Very few external components are required, including output inductor, input & output capacitors.
Further range of operation to 3.3Vin can be achieved with the addition of a simple external boost circuit, and
operation up to 3.3Vout can be achieved with a simple external voltage divider.
iPOWIR technology offers designers an innovative board space-saving solution for applications requiring high
power densities. iPOWIR technology eases design for applications where component integration offers
benefits in performance and functionality. iPOWIR technology solutions are also optimized internally for layout,
heat transfer and component selection.
Description
iP1001 Power Block
Features
* Although, all of the difficult PCB layout and bypassing issues have been addressed with the internal design of the iPOWIR block, proper layout techniques should be
applied for the design of the power supply board. There are no concerns about unwanted shutdowns common to switching power supplies, if operated as specified. The
iPOWIR block will function normally, but not optimally without any additional input decoupling capacitors. Input decoupling capacitors should be added at Vin pin for stable
and reliable long term operation. No additional bypassing is required on the Vdd pin. See layout guidelines in datasheet for more detailed information.
PD - 94336c
05/20/03
iP1001
www.irf.com
1
iP1001 Internal Block Diagram
VFS
GNDS
SGND
PGND
VSW
VIN
VF
PWM
& Driver
D0
D1
D2
D3
D4
ENABLE
PGOOD
5 Bit
DAC
ILIM
FREQ
VDD
VFS
GNDS
SGND
PGND
VSW
VIN
VF
PWM
& Driver
D0
D1
D2
D3
D4
ENABLE
PGOOD
5 Bit
DAC
ILIM
FREQ
VDD


Similar Part No. - IP1001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP1001-DS-R01 ETC2-IP1001-DS-R01 Datasheet
617Kb / 48P
Integrated 10/100/1000 Gigabit Ethernet Transceiver
IP1001-DS-R02 ETC2-IP1001-DS-R02 Datasheet
617Kb / 48P
Integrated 10/100/1000 Gigabit Ethernet Transceiver
IP1001-DS-R03 ETC2-IP1001-DS-R03 Datasheet
617Kb / 48P
Integrated 10/100/1000 Gigabit Ethernet Transceiver
IP1001-DS-R04 ETC2-IP1001-DS-R04 Datasheet
617Kb / 48P
Integrated 10/100/1000 Gigabit Ethernet Transceiver
IP1001-DS-R05 ETC2-IP1001-DS-R05 Datasheet
617Kb / 48P
Integrated 10/100/1000 Gigabit Ethernet Transceiver
More results

Similar Description - IP1001

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IP1202 IRF-IP1202 Datasheet
1Mb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1203 IRF-IP1203 Datasheet
635Kb / 23P
Single Output Full Function Synchronous Buck Power Block
IP1201PBF IRF-IP1201PBF Datasheet
961Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1202PBF IRF-IP1202PBF Datasheet
1,000Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
IP1203PBF IRF-IP1203PBF Datasheet
641Kb / 23P
Single Output Full Function Synchronous Buck Power Block
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
Synchronous Buck NexFET??Power Block
logo
International Rectifier
IP1201TRPBF IRF-IP1201TRPBF Datasheet
967Kb / 29P
Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com