Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP1001 Datasheet(PDF) 5 Page - International Rectifier

Part # IP1001
Description  Full Function Synchronous Buck Power Block
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1001 Datasheet(HTML) 5 Page - International Rectifier

  IP1001 Datasheet HTML 1Page - International Rectifier IP1001 Datasheet HTML 2Page - International Rectifier IP1001 Datasheet HTML 3Page - International Rectifier IP1001 Datasheet HTML 4Page - International Rectifier IP1001 Datasheet HTML 5Page - International Rectifier IP1001 Datasheet HTML 6Page - International Rectifier IP1001 Datasheet HTML 7Page - International Rectifier IP1001 Datasheet HTML 8Page - International Rectifier IP1001 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.irf.com
5
iP1001
Fig 4. Normalized Power Loss vs V
IN
Fig 3. Normalized Power Loss vs V
OUT
Fig 5. Recommended Operating Area
For 200kHz frequency setting there will be a
10% power loss reduction and a positive PCB
temperature adjustment of 3°C.
Typical Performance Curves
Output Voltage (V)
0
5
10
15
20
25
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
V
IN = 3.3V,
200kHz
V
IN = 5V to 12V
200kHz/300kHz
Input Voltage (V)
Output Voltage (V)
0.88
0.94
1.00
1.06
1.12
1.18
1.24
1.30
1.36
0.9
1.3
1.7
2.1
2.5
2.9
3.3
-13
-11
-9
-6
-4
-2
0
2
4
V
IN = 12V
I
OUT = 20A
f
sw set to 300kHz
T
BLK = 125°C
0.83
0.86
0.89
0.91
0.94
0.97
1.00
34
56789
10
11
12
0
1
2
3
4
5
6
V
OUT = 1.3V
I
OUT = 20A
f
sw set to 300kHz
T
BLK = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com