Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP1001 Datasheet(PDF) 6 Page - International Rectifier

Part # IP1001
Description  Full Function Synchronous Buck Power Block
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1001 Datasheet(HTML) 6 Page - International Rectifier

Back Button IP1001 Datasheet HTML 2Page - International Rectifier IP1001 Datasheet HTML 3Page - International Rectifier IP1001 Datasheet HTML 4Page - International Rectifier IP1001 Datasheet HTML 5Page - International Rectifier IP1001 Datasheet HTML 6Page - International Rectifier IP1001 Datasheet HTML 7Page - International Rectifier IP1001 Datasheet HTML 8Page - International Rectifier IP1001 Datasheet HTML 9Page - International Rectifier IP1001 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.irf.com
6
iP1001
D4
D3
D2
D1
D0
OUTPUT
VOLTAGE(V)
0
0
0
0
0
2.00
0
0
0
0
1
1.95
0
0
0
1
0
1.90
0
0
0
1
1
1.85
0
0
1
0
0
1.80
0
0
1
0
1
1.75
0
0
1
1
0
1.70
0
0
1
1
1
1.65
0
1
0
0
0
1.60
0
1
0
0
1
1.55
0
1
0
1
0
1.50
0
1
0
1
1
1.45
0
1
1
0
0
1.40
0
1
1
0
1
1.35
0
1
1
1
0
1.30
0
1
1
1
1
Shutdown*
1
0
0
0
0
1.275
1
0
0
0
1
1.250
1
0
0
1
0
1.225
1
0
0
1
1
1.200
1
0
1
0
0
1.175
1
0
1
0
1
1.150
1
0
1
1
0
1.125
1
0
1
1
1
1.100
1
1
0
0
0
1.075
1
1
0
0
1
1.050
1
1
0
1
0
1.025
1
1
0
1
1
1.000
1
1
1
0
0
0.975
1
1
1
0
1
0.950
1
1
1
1
0
0.925
1
1
1
1
1
Shutdown*
* Shutdown : Upon receipt of the shutdown code (per VID code table above), both FETs are turned OFF and
the output is discharged as the undervoltage protection is activated.
Table 1. VID Code Table2
2
2
2
2
0
100
200
300
400
500
600
700
800
900
6
11
162126
3136
Typical Current Limit Setting in Amps
Fig 6. Overcurrent adjustment settings using R
LIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com