Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP1001 Datasheet(PDF) 7 Page - International Rectifier

Part # IP1001
Description  Full Function Synchronous Buck Power Block
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1001 Datasheet(HTML) 7 Page - International Rectifier

Back Button IP1001 Datasheet HTML 3Page - International Rectifier IP1001 Datasheet HTML 4Page - International Rectifier IP1001 Datasheet HTML 5Page - International Rectifier IP1001 Datasheet HTML 6Page - International Rectifier IP1001 Datasheet HTML 7Page - International Rectifier IP1001 Datasheet HTML 8Page - International Rectifier IP1001 Datasheet HTML 9Page - International Rectifier IP1001 Datasheet HTML 10Page - International Rectifier IP1001 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.irf.com
7
iP1001
Table 2. Pin Description
Pin Nam e
Ball Designator
Pin Description
V IN
A 9-A 12, B9-B12, C 9-
C 14, D 9-D14, E 9-E 16,
F9-F16, G9-G 16
In put voltage conn ection n ode.
NC
A1, A6-A7, A13-A15,
B1, B6-B7, B13-B16,
C3, C6-C 7, C15-C16,
D 3-D 4, D6, D 15-D 16
E 3-E6, F1-F5, G 1-G 5,
H1-H5, J1-J2, J6-J8,
K 6-K 8, L6-L8, M 6-M 8,
N 4-N 5, N7-N 8, P4-P5,
P7-P8, R6-R8, S6-S8
No electrical connection .
V SW
H9-H14, J11-J14, K 11-
K 14, L11-L14, N 11-
N 14, M 11-M 14, P11-
P14, R11-R14, S11-S14
Output inductor conn ection n ode.
PGND
H15-H16, J15-J16, K 9-
K 10, K15-K 16, L9-
L10, L15-L16, M 9-
M 10, M 15-M 16, N 9-
N 10, N15-N 16, P9-P10,
P15-P16, R9-R10, R15-
R16, S9-S10, S15-S16
Pow er groun d.
V DD
R4-R5, S4-S5
Control Power connection node
SGND
A2-A 3, B2-B3
Sign al groun d.
GNDS
E1
Rem ote Groun d Sense Pin. Conn ect to PGND for
VOUT >2V
ENABLE
R3, S3
Com m an ds output O N or O FF. A ctive floatin g
(in tern ally pulled h igh). W h en logic low, th e
syn chron ous M O SFET is turn ed ON.
NC
R2, S2
No electrical connection , intern ally pulled high,
m ust leave floating.
PGOOD
R1, S1
Internally pulled-up to V DD.
V F
C 1-C 2
Output voltage feed back local sen se.
V FS
D1-D 2
Output voltage rem ote sen se feedback sign al. For
greater than 2V OUT, disconn ect from rem ote load
an d conn ect to V F.
D0
P1-P2
D1
N1-N 2
D2
M 1-M 2
D3
L1-L2
D4
K1-K 2
VID code settin g D /A inputs. Internally pulled high.
ILIM
A 5, B5, C 5
Current lim it thresh old setting pin. See ILIM curve
for extern al resistor values.
FRE Q
A 4, B4
Switch in g frequency selector pin. Floating selects
300kHz, tied to VDD selects 200kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com