Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F038C6 Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32F038C6
Description  Clock management
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F038C6 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32F038C6 Datasheet HTML 85Page - STMicroelectronics STM32F038C6 Datasheet HTML 86Page - STMicroelectronics STM32F038C6 Datasheet HTML 87Page - STMicroelectronics STM32F038C6 Datasheet HTML 88Page - STMicroelectronics STM32F038C6 Datasheet HTML 89Page - STMicroelectronics STM32F038C6 Datasheet HTML 90Page - STMicroelectronics STM32F038C6 Datasheet HTML 91Page - STMicroelectronics STM32F038C6 Datasheet HTML 92Page - STMicroelectronics STM32F038C6 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
DocID026079 Rev 5
89/102
STM32F038x6
Package information
98
7.4
WLCSP25 package information
WLCSP25 is a 25-ball, 2.423 x 2.325 mm, 0.4 mm pitch wafer level chip scale package.
Figure 39. WLCSP25 package outline
1. Drawing is not to scale.
Table 63. WLCSP25 package mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.525
0.555
0.585
0.0207
0.0219
0.0230
A1
-
0.175
-
-
0.0069
-
A2
-
0.380
-
-
0.0150
-
A3(2)
-
0.025
-
-
0.0010
-
b(3) (4)
0.220
0.250
0.280
0.0087
0.0098
0.0110
D
2.388
2.423
2.458
0.0940
0.0954
0.0968
E
2.29
2.325
2.36
0.0902
0.0915
0.0929
e
-
0.400
-
-
0.0157
-
e1
-
1.600
-
-
0.0630
-
e2
-
1.600
-
-
0.0630
-
F
-
0.4115
-
-
0.0162
-
G
-
0.3625
-
-
0.0143
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com