Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F038C6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F038C6
Description  Clock management
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F038C6 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F038C6 Datasheet HTML 1Page - STMicroelectronics STM32F038C6 Datasheet HTML 2Page - STMicroelectronics STM32F038C6 Datasheet HTML 3Page - STMicroelectronics STM32F038C6 Datasheet HTML 4Page - STMicroelectronics STM32F038C6 Datasheet HTML 5Page - STMicroelectronics STM32F038C6 Datasheet HTML 6Page - STMicroelectronics STM32F038C6 Datasheet HTML 7Page - STMicroelectronics STM32F038C6 Datasheet HTML 8Page - STMicroelectronics STM32F038C6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
This is information on a product in full production.
May 2017
DocID026079 Rev 5
1/102
STM32F038x6
ARM®-based 32-bit MCU with 32 Kbyte Flash, 9 timers,
ADC and communication interfaces, 1.8 V
Datasheet
- production data
Features
• Core: ARM® 32-bit Cortex®-M0 CPU,
frequency up to 48 MHz
• Memories
– 32 Kbytes of Flash memory
– 4 Kbytes of SRAM with HW parity
• CRC calculation unit
• Power management
– Digital and I/Os supply: VDD = 1.8 V ±8%
– Analog supply: VDDA = from VDD to 3.6 V
– Low power modes: Sleep, Stop
–VBAT supply for RTC and backup registers
• Clock management
– 4 to 32 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– Internal 8 MHz RC with x6 PLL option
– Internal 40 kHz RC oscillator
• Up to 38 fast I/Os
– All mappable on external interrupt vectors
– Up to 25 I/Os with 5 V tolerant capability
• 5-channel DMA controller
• 1 × 12-bit, 1.0 µs ADC (up to 10 channels)
– Conversion range: 0 to 3.6V
– Separate analog supply from 2.4 up to
3.6 V
• Up to 9 timers
– 1 x 16-bit 7-channel advanced-control timer
for 6 channels PWM output, with deadtime
generation and emergency stop
– 1 x 32-bit and 1 x 16-bit timer, with up to 4
IC/OC, usable for IR control decoding
– 1 x 16-bit timer, with 2 IC/OC, 1 OCN,
deadtime generation and emergency stop
– 1 x 16-bit timer, with IC/OC and OCN,
deadtime generation, emergency stop and
modulator gate for IR control
– 1 x 16-bit timer with 1 IC/OC
– Independent and system watchdog timers
– SysTick timer: 24-bit downcounter
• Calendar RTC with alarm and periodic wakeup
from Stop
• Communication interfaces
– 1 x I2C interface, supporting Fast Mode
Plus (1 Mbit/s) with extra current sink,
SMBus/PMBus, and wakeup from Stop
mode
– 1 x USART supporting master synchronous
SPI and modem control, ISO7816
interface, LIN, IrDA capability, auto baud
rate detection and wakeup feature
– 1 x SPI (18 Mbit/s) with 4 to 16
programmable bit frames, with I2S interface
multiplexed
• Serial wire debug (SWD)
• 96-bit unique ID
• Extended temperature range: -40 to +105°C
• All packages ECOPACK®2
Table 1. Device summary
Reference
Part number
STM32F038x6
STM32F038C6, STM32F038E6,
STM32F038F6, STM32F038G6,
STM32F038K6
UFQFPN32 5x5 mm
TSSOP20
UFQFPN28 4x4 mm
LQFP48 7x7 mm
WLCSP25
2.1x2.1 mm
6.5x4.4 mm
www.st.com


Similar Part No. - STM32F038C6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F0308-DISCO STMICROELECTRONICS-STM32F0308-DISCO Datasheet
295Kb / 3P
Discovery kit for STM32F030 Value Line
29-Sep-2014
STM32F030C6 STMICROELECTRONICS-STM32F030C6 Datasheet
1Mb / 88P
Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
04-Jul-2013
STM32F030C6 STMICROELECTRONICS-STM32F030C6 Datasheet
1Mb / 93P
Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
January 2019 Rev 4
STM32F030C6T6TR STMICROELECTRONICS-STM32F030C6T6TR Datasheet
1Mb / 93P
Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
January 2019 Rev 4
STM32F030C8 STMICROELECTRONICS-STM32F030C8 Datasheet
1Mb / 88P
Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
04-Jul-2013
More results

Similar Description - STM32F038C6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SH3002 SEMTECH-SH3002 Datasheet
354Kb / 22P
Reset Management and Clock Management Support IC for Microcontrollers
logo
STMicroelectronics
STM32F103CBT6 STMICROELECTRONICS-STM32F103CBT6 Datasheet
1Mb / 102P
Clock, reset and supply management
07-Dec-2012
STM32F103RCT6 STMICROELECTRONICS-STM32F103RCT6 Datasheet
1Mb / 130P
Clock, reset and supply management
19-Apr-2011
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
Clock, reset and supply management
12-Jul-2007
ST72361XX STMICROELECTRONICS-ST72361XX Datasheet
2Mb / 279P
Clock, reset and supply management
02-Aug-2010
ST72561XX STMICROELECTRONICS-ST72561XX Datasheet
2Mb / 324P
Clock, reset and supply management
03-Jan-2011
STM32F100XC STMICROELECTRONICS-STM32F100XC Datasheet
1Mb / 106P
Clock, reset and supply management
29-Mar-2016
STM32F215XX STMICROELECTRONICS-STM32F215XX Datasheet
2Mb / 180P
Clock, reset and supply management
16-Aug-2016
STM32F401XD STMICROELECTRONICS-STM32F401XD Datasheet
2Mb / 135P
Clock, reset and supply management
22-Jan-2015
STM32F410X8 STMICROELECTRONICS-STM32F410X8 Datasheet
1Mb / 142P
Clock, reset and supply management
04-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com