Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F038C6 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STM32F038C6
Description  Clock management
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F038C6 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STM32F038C6 Datasheet HTML 40Page - STMicroelectronics STM32F038C6 Datasheet HTML 41Page - STMicroelectronics STM32F038C6 Datasheet HTML 42Page - STMicroelectronics STM32F038C6 Datasheet HTML 43Page - STMicroelectronics STM32F038C6 Datasheet HTML 44Page - STMicroelectronics STM32F038C6 Datasheet HTML 45Page - STMicroelectronics STM32F038C6 Datasheet HTML 46Page - STMicroelectronics STM32F038C6 Datasheet HTML 47Page - STMicroelectronics STM32F038C6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 102 page
background image
Electrical characteristics
STM32F038x6
44/102
DocID026079 Rev 5
Table 21. Typical and maximum current consumption from VDD supply at VDD = 1.8 V
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA(1)
Typ
Max @ TA(1)
25 °C 85 °C
105 °C
25 °C 85 °C 105 °C
IDD
Supply
current in
Run mode,
code
executing
from Flash
memory
External
clock (HSE
bypass)
48 MHz 18.2
19.7
20.1
20.3
11.2
11.7
12.1
12.4
mA
32 MHz 12.4
13.1
13.4
13.6
7.6
8.2
8.3
8.6
24 MHz 9.8
10.4
10.6
10.7
6.1
6.6
6.7
6.8
8 MHz
3.3
3.7
3.8
3.8
2.2
2.4
2.5
2.6
1 MHz
0.7
0.8
0.9
1.0
0.5
0.6
0.7
0.7
Internal
clock (HSI)
48 MHz 18.5
20.0
20.4
20.6
11.6
12.1
12.4
12.8
32 MHz 12.7
13.4
13.6
14.0
7.9
8.5
8.7
9.0
24 MHz 10.0
10.6
10.8
10.9
6.2
6.7
6.8
6.9
8 MHz
3.4
3.8
3.9
4.0
2.3
2.5
2.6
2.6
Supply
current in
Run mode,
code
executing
from RAM
External
clock (HSE
bypass)
48 MHz 17.2
18.7
19.1
19.3
10.2
10.6
11.1
11.4
32 MHz 11.4
12.2
12.4
12.7
6.7
7.2
7.4
7.6
24 MHz 8.9
9.4
9.6
9.7
5.1
5.5
5.7
5.7
8 MHz
2.8
3.2
3.3
3.3
1.7
2.0
2.0
2.1
1 MHz
0.3
0.5
0.5
0.5
0.2
0.3
0.3
0.3
Internal
clock (HSI)
48 MHz 17.5
19.0
19.4
19.6
10.4
10.8
11.2
11.6
32 MHz 11.7
12.4
12.7
12.9
6.9
7.4
7.6
7.8
24 MHz 9.1
9.6
9.8
9.9
5.2
5.6
5.7
5.8
8 MHz
3.0
3.3
3.4
3.5
1.7
2.0
2.1
2.1
Supply
current in
Sleep
mode
External
clock (HSE
bypass)
48 MHz 10.4
11.7
12.0
12.3
2.4
2.6
2.7
2.8
32 MHz 6.9
7.6
7.8
8.1
1.5
1.7
1.8
1.9
24 MHz 5.4
5.9
6.1
6.2
1.2
1.3
1.4
1.5
8 MHz
1.7
2.2
2.3
2.4
0.4
0.4
0.5
0.5
1 MHz
0.3
0.3
0.4
0.4
0.1
0.1
0.2
0.2
Internal
clock (HSI)
48 MHz 10.6
11.8
12.1
12.4
2.4
2.7
2.7
2.8
32 MHz 7.2
7.9
8.1
8.3
1.6
1.8
1.9
2.0
24 MHz 5.5
6.1
6.3
6.4
1.3
1.4
1.5
1.5
8 MHz
1.9
2.4
2.5
2.6
0.5
0.5
0.5
0.6
1. Data based on characterization results, not tested in production unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com