Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F038C6 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32F038C6
Description  Clock management
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F038C6 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32F038C6 Datasheet HTML 17Page - STMicroelectronics STM32F038C6 Datasheet HTML 18Page - STMicroelectronics STM32F038C6 Datasheet HTML 19Page - STMicroelectronics STM32F038C6 Datasheet HTML 20Page - STMicroelectronics STM32F038C6 Datasheet HTML 21Page - STMicroelectronics STM32F038C6 Datasheet HTML 22Page - STMicroelectronics STM32F038C6 Datasheet HTML 23Page - STMicroelectronics STM32F038C6 Datasheet HTML 24Page - STMicroelectronics STM32F038C6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
DocID026079 Rev 5
21/102
STM32F038x6
Functional overview
22
3.15
Serial peripheral interface (SPI) / Inter-integrated sound
interface (I2S)
The SPI is able to communicate up to 18 Mbit/s in slave and master modes in full-duplex
and half-duplex communication modes. The 3-bit prescaler gives 8 master mode
frequencies and the frame size is configurable from 4 bits to 16 bits.
One standard I2S interface (multiplexed with SPI1) supporting four different audio standards
can operate as master or slave at half-duplex communication mode. It can be configured to
transfer 16 and 24 or 32 bits with 16-bit or 32-bit data resolution and synchronized by a
specific signal. Audio sampling frequency from 8 kHz up to 192 kHz can be set by an 8-bit
programmable linear prescaler. When operating in master mode, it can output a clock for an
external audio component at 256 times the sampling frequency.
Table 8. STM32F038x6 USART implementation
USART modes/features(1)
1. X = supported.
USART1
Hardware flow control for modem
X
Continuous communication using DMA
X
Multiprocessor communication
X
Synchronous mode
X
Smartcard mode
X
Single-wire half-duplex communication
X
IrDA SIR ENDEC block
X
LIN mode
X
Dual clock domain and wakeup from Stop mode
X
Receiver timeout interrupt
X
Modbus communication
X
Auto baud rate detection
X
Driver Enable
X
Table 9. STM32F038x6 SPI/I2S implementation
SPI features(1)
1. X = supported.
SPI
Hardware CRC calculation
X
Rx/Tx FIFO
X
NSS pulse mode
X
I2S mode
X
TI mode
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com