Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F038C6 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STM32F038C6
Description  Clock management
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F038C6 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STM32F038C6 Datasheet HTML 41Page - STMicroelectronics STM32F038C6 Datasheet HTML 42Page - STMicroelectronics STM32F038C6 Datasheet HTML 43Page - STMicroelectronics STM32F038C6 Datasheet HTML 44Page - STMicroelectronics STM32F038C6 Datasheet HTML 45Page - STMicroelectronics STM32F038C6 Datasheet HTML 46Page - STMicroelectronics STM32F038C6 Datasheet HTML 47Page - STMicroelectronics STM32F038C6 Datasheet HTML 48Page - STMicroelectronics STM32F038C6 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 102 page
background image
DocID026079 Rev 5
45/102
STM32F038x6
Electrical characteristics
79
Table 22. Typical and maximum current consumption from the VDDA supply
Symbol Parameter
Conditions
(1)
fHCLK
VDDA = 2.4 V
VDDA = 3.6 V
Unit
Typ
Max @ TA
(2)
Typ
Max @ TA
(2)
25 °C
85 °C
105 °C
25 °C
85 °C
105 °C
IDDA
Supply
current in
Run or
Sleep
mode,
code
executing
from Flash
memory or
RAM
HSE
bypass,
PLL on
48 MHz
147
170
180
184
160
183
195
199
µA
32 MHz
101
121
127
129
109
129
137
140
24 MHz
79
97
101
103
86
104
110
112
HSE
bypass,
PLL off
8 MHz
1
33
3
2
334
1 MHz
1
22
2
2
233
HSI clock,
PLL on
48 MHz
219
243
256
260
240
267
279
284
32 MHz
172
195
203
206
190
210
222
226
24 MHz
150
170
177
180
165
186
193
196
HSI clock,
PLL off
8 MHz
71
8387
88
81
95
9798
1. Current consumption from the VDDA supply is independent of whether the digital peripherals are enabled or disabled, being
in Run or Sleep mode or executing from Flash memory or RAM. Furthermore, when the PLL is off, IDDA is independent from
the frequency.
2. Data based on characterization results, not tested in production unless otherwise specified.
Table 23. Typical and maximum consumption in Stop mode
Symbol Parameter
Conditions
Typ. @ VDD = 1.8 V
Max
Unit
IDD
Supply
current in
Stop mode
All oscillators OFF
0.4
2.3
14.9
35.6
µA
IDDA
0.8
0.8
0.8
0.9
0.9
1.0
1.1
1.5
2.6
3.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com