Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F038C6 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM32F038C6
Description  Clock management
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F038C6 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM32F038C6 Datasheet HTML 26Page - STMicroelectronics STM32F038C6 Datasheet HTML 27Page - STMicroelectronics STM32F038C6 Datasheet HTML 28Page - STMicroelectronics STM32F038C6 Datasheet HTML 29Page - STMicroelectronics STM32F038C6 Datasheet HTML 30Page - STMicroelectronics STM32F038C6 Datasheet HTML 31Page - STMicroelectronics STM32F038C6 Datasheet HTML 32Page - STMicroelectronics STM32F038C6 Datasheet HTML 33Page - STMicroelectronics STM32F038C6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 102 page
background image
Pinouts and pin description
STM32F038x6
30/102
DocID026079 Rev 5
41
28
26
C2
-
PB5
I/O
FT
-
SPI1_MOSI,
I2S1_SD,
I2C1_SMBA,
TIM16_BKIN,
TIM3_CH2
-
42
29
27
B2
-
PB6
I/O
FTf
-
I2C1_SCL,
USART1_TX,
TIM16_CH1N
-
43
30
28
A3
-
PB7
I/O
FTf
-
I2C1_SDA,
USART1_RX,
TIM17_CH1N
-
44
31
1
A4
1
BOOT0
I
B
-
Boot memory selection
45
32
-
-
-
PB8
I/O
FTf
-
I2C1_SCL,
TIM16_CH1
-
46
--
--
PB9
I/O
FTf
-
I2C1_SDA,
IR_OUT,
TIM17_CH1,
EVENTOUT
-
47
0
-
E1
-
VSS
S
-
-
Ground
48
1
-
-
-
VDD
S
-
-
Digital power supply
1. PC13, PC14 and PC15 are supplied through the power switch. Since the switch only sinks a limited amount of current
(3 mA), the use of GPIOs PC13 to PC15 in output mode is limited:
- The speed should not exceed 2 MHz with a maximum load of 30 pF
- These GPIOs must not be used as current sources (e.g. to drive an LED).
2. After the first RTC domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the
content of the RTC registers which are not reset by the system reset. For details on how to manage these GPIOs, refer to
the RTC domain and RTC register descriptions in the reference manual.
3. VSSA pin is not in package pinout. VSSA pad of the die is connected to VSS pin.
4. These pins are powered by VDDA.
5. After reset, these pins are configured as SWDIO and SWCLK alternate functions, and the internal pull-up on the SWDIO
pin and the internal pull-down on the SWCLK pin are activated.
6. On the WLCSP25 package, PB3, PB4 and PA15 must be set to defined levels by software, as their corresponding pads on
the silicon die are left unconnected. Apply same recommendations as for unconnected pins.
Table 11. Pin definitions (continued)
Pin number
Pin name
(function upon reset)
Notes
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com