Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F038C6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F038C6
Description  Clock management
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F038C6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F038C6 Datasheet HTML 8Page - STMicroelectronics STM32F038C6 Datasheet HTML 9Page - STMicroelectronics STM32F038C6 Datasheet HTML 10Page - STMicroelectronics STM32F038C6 Datasheet HTML 11Page - STMicroelectronics STM32F038C6 Datasheet HTML 12Page - STMicroelectronics STM32F038C6 Datasheet HTML 13Page - STMicroelectronics STM32F038C6 Datasheet HTML 14Page - STMicroelectronics STM32F038C6 Datasheet HTML 15Page - STMicroelectronics STM32F038C6 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 102 page
background image
Functional overview
STM32F038x6
12/102
DocID026079 Rev 5
3.4
Cyclic redundancy check calculation unit (CRC)
The CRC (cyclic redundancy check) calculation unit is used to get a CRC code from a 32-bit
data word and a CRC-32 (Ethernet) polynomial.
Among other applications, CRC-based techniques are used to verify data transmission or
storage integrity. In the scope of the EN/IEC 60335-1 standard, they offer a means of
verifying the Flash memory integrity. The CRC calculation unit helps compute a signature of
the software during runtime, to be compared with a reference signature generated at link-
time and stored at a given memory location.
3.5
Power management
3.5.1
Power supply schemes
•
VDD = VDDIO1 = 1.8 V ± 8%: external power supply for I/Os (VDDIO1) and digital logic. It
is provided externally through VDD pins.
•
VDDA = from VDD to 3.6 V: external analog power supply for ADC, RCs and PLL
(minimum voltage to be applied to VDDA is 2.4 V when the ADC is used). It is provided
externally through VDDA pin. The VDDA voltage level must be always greater or equal
to the VDD voltage level and must be established first.
•
VBAT = 1.65 to 3.6 V: power supply for RTC, external clock 32 kHz oscillator and
backup registers (through power switch) when VDD is not present.
For more details on how to connect power pins, refer to Figure 11: Power supply scheme.
3.5.2
Power-on reset
To guarantee a proper power-on reset, the NPOR pin must be held low until VDD is stable.
When VDD is stable, the reset state can be exited either by:
•
putting the NPOR pin in high impedance (NPOR pin has an internal pull-up), or by
•
forcing the pin to high level by connecting it to VDDA
3.5.3
Low-power modes
The STM32F038x6 microcontrollers support two low-power modes to achieve the best
compromise between low power consumption, short startup time and available wakeup
sources:
•
Sleep mode
In Sleep mode, only the CPU is stopped. All peripherals continue to operate and can
wake up the CPU when an interrupt/event occurs.
•
Stop mode
Stop mode achieves very low power consumption while retaining the content of SRAM
and registers. All clocks in the 1.8 V domain are stopped, the PLL, the HSI RC and the
HSE crystal oscillators are disabled.
The device can be woken up from Stop mode by any of the EXTI lines. The EXTI line
source can be one of the 16 external lines, RTC, I2C1 or USART1.
USART1 and I2C1 peripherals can be configured to enable the HSI RC oscillator so as
to get clock for processing incoming data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com