Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V62/18609-01XE-R Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # V62/18609-01XE-R
Description  200-MHz, CMOS operational amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/18609-01XE-R Datasheet(HTML) 15 Page - Texas Instruments

Back Button V62/18609-01XE-R Datasheet HTML 11Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 12Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 13Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 14Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 15Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 16Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 17Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 18Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
100 k
VOUT
±
+
0.5 pF
SFH213
5 V
1 F
Device
13.7 k
280
(–3 dB)
(FB)
(D)
GBW
ƒ
2
R
C
=
´ p ´
´
(FB)
(FB)
(FB)
(D)
1
GBW
2
R
C
4
R
C
=
´ p ´
´
´ p ´
´
15
OPA2356-EP
www.ti.com
SBOS955 – FEBRUARY 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
Custom Design With WEBENCH® Tools
Click here to create a custom design using the OPA2356 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
Run electrical simulations to see important waveforms and circuit performance
Run thermal simulations to understand board thermal performance
Export customized schematic and layout into popular CAD formats
Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
8.2.1.2.2
OPA2356-EP Design Procedure
To achieve a maximally-flat, second-order Butterworth frequency response, the feedback pole must be set to:
(1)
Use Equation 2 to calculate the bandwidth.
(2)
For single-supply applications, the +INx input can be biased with a positive DC voltage to allow the output to
reach true zero when the photodiode is not exposed to any light, and respond without the added delay that
results from coming out of the negative rail; this configuration is shown in Figure 31. This bias voltage appears
across the photodiode, providing a reverse bias for faster operation.
Figure 31. Single-Supply Transimpedance Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com