Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V62/18609-01XE-R Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # V62/18609-01XE-R
Description  200-MHz, CMOS operational amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/18609-01XE-R Datasheet(HTML) 20 Page - Texas Instruments

Back Button V62/18609-01XE-R Datasheet HTML 16Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 17Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 18Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 19Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 20Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 21Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 22Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 23Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Place bypass capacitors
close to power pins.
Place an input resistor close to pin 2
and 6 to minimize stray capacitance.
Place output resistors close
to output pins (pin 1 and 7) to
minimize parasitic capacitance.
Ground and power plane removed from inner layers.
Ground and power plane exist on inner layers.
Place bypass capacitors
close to power pins.
Remove GND and power plane
under pins 1, 2, 7, and 6 to
minimize stray PCB capacitance.
Place feedback resistor on the bottom of
PCB between positive supply pin (8) and
inverting input pins (2, 6).
Noninverting inputs (pin 3 and 5)
terminated in 50
Ÿ.
1
2
3
4
8
7
6
5
A
B
20
OPA2356-EP
SBOS955 – FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
Good high-frequency PC board layout techniques should be employed for the OPA2356-EP. Generous use of
ground planes, short direct signal traces, and a suitable bypass capacitor located at the V+ pin assure clean,
stable operation. Large areas of copper also provide a means of dissipating heat that is generated within the
amplifier in normal operation.
Sockets are not recommended for use with any high-speed amplifier.
A 10-µF ceramic bypass capacitor is the minimum recommended value; adding a 1-µF or larger tantalum
capacitor in parallel can be beneficial when driving a low-resistance load. Providing adequate bypass
capacitance is essential to achieving very low harmonic and intermodulation distortion.
10.2 Layout Example
Figure 37. Example Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com