Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V62/18609-01XE-R Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # V62/18609-01XE-R
Description  200-MHz, CMOS operational amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/18609-01XE-R Datasheet(HTML) 12 Page - Texas Instruments

Back Button V62/18609-01XE-R Datasheet HTML 8Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 9Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 10Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 11Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 12Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 13Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 14Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 15Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
V
BIAS1
V
BIAS2
V
IN+
V
IN±
Class AB
Control
Circuitry
V
O
(Ground)
V+
Reference
Current
12
OPA2356-EP
SBOS955 – FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The OPA2356-EP is a CMOS, high-speed, voltage feedback, operational amplifier designed for video and other
general-purpose applications. The OPA2356-EP is available as a dual op amp.
The amplifier features a 200-MHz gain bandwidth and 360-V/µs slew rate, but is unity-gain stable and can be
operated as a 1-V/V voltage follower.
The OPA2356-EP input common-mode voltage range includes ground, allowing the amplifier to be used in
virtually any single-supply application up to a supply voltage of 5.5 V.
7.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com