Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V62/18609-01XE-R Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # V62/18609-01XE-R
Description  200-MHz, CMOS operational amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/18609-01XE-R Datasheet(HTML) 6 Page - Texas Instruments

Back Button V62/18609-01XE-R Datasheet HTML 2Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 3Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 4Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 5Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 6Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 7Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 8Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 9Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
OPA2356-EP
SBOS955 – FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = –55°C to 125°C, RF = 604 Ω, and RL = 150 Ω connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
See Figure 20.
OUTPUT
Voltage output swing from rail
VS = 5 V, RL = 150 Ω, AOL > 84 dB
0.2
0.3
V
VS = 5 V, RL = 1 kΩ
0.1
IO = ±100 mA
0.8
1
IO
Continuous output current(1)
±60
mA
IO
Peak output current(1)
VS = 5 V
±100
mA
VS = 3 V
±80
Short-circuit current
250
mA
–200
Closed-loop output impedance
0.02
POWER SUPPLY
IQ
Quiescent current (per amplifier)
VS = 5 V, IO = 0 V
8.3
11
mA
TA = –55°C to 125°C
14
THERMAL SHUTDOWN
Junction temperature
Shutdown
160
°C
Reset from shutdown
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com