Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V62/18609-01XE-R Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # V62/18609-01XE-R
Description  200-MHz, CMOS operational amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/18609-01XE-R Datasheet(HTML) 1 Page - Texas Instruments

  V62/18609-01XE-R Datasheet HTML 1Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 2Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 3Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 4Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 5Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 6Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 7Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 8Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Device
Out
V+
V–
–V
IN
+V
IN
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA2356-EP
SBOS955 – FEBRUARY 2019
OPA2356-EP 200-MHz, CMOS operational amplifier
1
1 Features
1
Unity-gain bandwidth: 450 MHz
Wide bandwidth: 200-MHz GBW
High slew rate: 360 V/µs
Low noise: 5.8 nV/
√Hz
Excellent video performance:
Differential gain: 0.02%
Differential phase: 0.05°
0.1-dB gain flatness: 75 MHz
Input range includes ground
Rail-to-rail output (within 100 mV)
Low input bias current: 3 pA
Thermal shutdown
Single-supply operating range: 2.5 V to 5.5 V
Microsize packages
Supports defense, aerospace, and medical
applications:
Controlled baseline
Available in military (–55°C to 125°C)
temperature range
Extended product life cycle
Extended product-change notification
Product traceability
2 Applications
Video processing
Optical networking, tunable lasers
Photodiode transimpedance amplifiers
Active filters
High-speed integrators
Analog-to-digital converter (ADC) input buffers
Digital-to-analog converter (DAC) output amplifiers
Communications
3 Description
The
OPA2356-EP
high-speed,
voltage-feedback
CMOS operational amplifier is designed for video and
other applications requiring wide bandwidth. The
OPA2356-EP is unity-gain stable and can drive large
output currents. Differential gain is 0.02% and
differential phase is 0.05°. Quiescent current is only
8.3 mA per channel.
The OPA2356-EP is optimized for operation on single
or dual supplies as low as 2.5 V (±1.25 V) and up to
5.5 V (±2.75 V). The common-mode input range for
the OPA2356-EP extends 100 mV below ground and
up to 1.5 V from V+. The output swing is within 100
mV of the rails, supporting wide dynamic range.
The OPA2356-EP is available in dual (VSSOP-8)
versions.
These
versions
feature
completely
independent
circuitry
for
lowest
crosstalk
and
freedom from interaction. The OPA2356-EP are
specified over the extended –55°C to 125°C range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA2356MDGKREP
VSSOP (8)
3.00 mm × 3.00 mm
OPA2356MDGKTEP
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - V62/18609-01XE-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
V62/18609-01XE TI1-V62/18609-01XE Datasheet
1Mb / 29P
200-MHz, CMOS operational amplifier
More results

Similar Description - V62/18609-01XE-R

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM842B ELM-TECH-ELM842B Datasheet
67Kb / 4P
CMOS Operational amplifier
logo
Texas Instruments
OPA356-Q1 TI1-OPA356-Q1 Datasheet
791Kb / 17P
200-MHz CMOS OPERATIONAL AMPLIFIER
logo
SG Micro Corp
SGM8067 SGMICRO-SGM8067_15 Datasheet
298Kb / 7P
CMOS Operational Amplifier
SGM8926 SGMICRO-SGM8926 Datasheet
317Kb / 10P
CMOS Operational Amplifier
logo
Texas Instruments
OPA355-Q1 TI-OPA355-Q1 Datasheet
383Kb / 18P
200-MHz CMOS Operational Amplifier With Shutdown
OPA356-Q1 TI-OPA356-Q1_15 Datasheet
900Kb / 18P
200-MHz CMOS OPERATIONAL AMPLIFIER
LMH6601 TI1-LMH6601_16 Datasheet
2Mb / 40P
CMOS Operational Amplifier
logo
ELM Electronics
ELM852-SERIES ELM-ELM852-SERIES Datasheet
934Kb / 9P
CMOS operational amplifier
logo
Texas Instruments
OPA2356-EP TI1-OPA2356-EP Datasheet
1Mb / 29P
200-MHz, CMOS operational amplifier
logo
ON Semiconductor
NCS20161 ONSEMI-NCS20161 Datasheet
321Kb / 22P
8 MHz, Rail-To-Rail, CMOS Operational Amplifier
October, 2022 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com