Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V62/18609-01XE-R Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # V62/18609-01XE-R
Description  200-MHz, CMOS operational amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/18609-01XE-R Datasheet(HTML) 9 Page - Texas Instruments

Back Button V62/18609-01XE-R Datasheet HTML 5Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 6Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 7Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 8Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 9Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 10Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 11Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 12Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Frequency (Hz)
10M
100M
100k
1M
1G
1k
10k
180
160
140
120
100
80
60
40
20
0
-20
Gain
R = 1k Ω
L
R = 150 Ω
L
Phase
Number of 150 Loads
3
2
4
1
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
dP
dG
Frequency (Hz)
10M
100M
1G
1M
3
0
-3
-6
-9
-12
-15
C = 100 pF
L
R = 24 Ω
S
C = 47 pF
L
R = 36 Ω
S
C = 5.6 pF
L
R = 80 Ω
S
Device
C
L
R
S
V
IN
V
O
1 kΩ
604 Ω
604 Ω
(1 kΩ is
Optional)
G = +2
V = 0.1 Vp-p
O
Frequency (Hz)
10M
100M
100k
1M
1G
10k
100
90
80
70
60
50
40
30
20
10
0
-PSRR
+PSRR
CMRR
Frequency (Hz)
10M
1M
100M
1G
100k
9
6
3
0
-3
-6
-9
-12
-15
R = 0 Ω
S
V = 0.1 Vp-p
O
C = 100 pF
L
C = 47 pF
L
C = 5.6 pF
L
Capacitive Load (pF)
10
100
1
120
100
80
60
40
20
0
Device
CL
RS
VIN
VO
1 kΩ
604 Ω
604 Ω
(1 kΩ is
Optional)
9
OPA2356-EP
www.ti.com
SBOS955 – FEBRUARY 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = –55°C to 125°C, VS = 5 V, G = 2, RF = 604 Ω, and RL = 150 Ω connected to VS / 2 (unless otherwise noted)
Figure 13. Frequency Response for Various CL
Figure 14. Recommended RS vs Capacitive Load
Figure 15. Frequency Response vs Capacitive Load
Figure 16. Common-Mode Rejection Ratio and
Power-Supply Rejection Ratio vs Frequency
Figure 17. Open-Loop Gain and Phase
Figure 18. Composite Video Differential Gain and Phase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com