Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V62/18609-01XE-R Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # V62/18609-01XE-R
Description  200-MHz, CMOS operational amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/18609-01XE-R Datasheet(HTML) 11 Page - Texas Instruments

Back Button V62/18609-01XE-R Datasheet HTML 7Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 8Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 9Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 10Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 11Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 12Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 13Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 14Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Frequency (Hz)
10M
1M
100M
100k
0
-20
-40
-60
-80
-100
-120
OPA2356-EP
Offset Voltage (mV)
–6
–7
–8
–9
–5 –4 –3 –2 –1 0 1
2 3 4 5 6 7 8 9
20
18
16
14
12
10
8
6
4
2
0
Temperature (°C)
65
85
105
5
25
45
135
125
–55
–35
–15
100
90
80
70
60
50
Power-Supply Rejection Ratio
Common-Mode Rejection Ratio
Time (ns)
25
30
40
45
35
10
5
15
20
50
0
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
V = 2 Vp-p
O
Temperature (°C)
65
85
105
5
25
45
135
125
–55
–35
–15
110
100
90
80
70
60
R = 1 kΩ
L
R = 150 Ω
L
11
OPA2356-EP
www.ti.com
SBOS955 – FEBRUARY 2019
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = –55°C to 125°C, VS = 5 V, G = 2, RF = 604 Ω, and RL = 150 Ω connected to VS / 2 (unless otherwise noted)
Figure 25. Output Settling Time to 0.1%
Figure 26. Open-Loop Gain vs Temperature
Figure 27. Offset Voltage Production Distribution
Figure 28. Common-Mode Rejection Ratio and
Power-Supply Rejection Ratio vs Temperature
Figure 29. Channel-to-Channel Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com