Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

V62/18609-01XE-R Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # V62/18609-01XE-R
Description  200-MHz, CMOS operational amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/18609-01XE-R Datasheet(HTML) 8 Page - Texas Instruments

Back Button V62/18609-01XE-R Datasheet HTML 4Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 5Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 6Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 7Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 8Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 9Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 10Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 11Page - Texas Instruments V62/18609-01XE-R Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Frequency (Hz)
100M
10
100
1k
10k
100k
1M
10M
10k
1k
100
10
1
Current Noise
Voltage Noise
Frequency (Hz)
10M
1M
100M
1G
100k
3
0
-3
-6
-9
-12
-15
R = 50 Ω
L
R = 150 Ω
L
R = 1 kΩ
L
R = 10 kΩ
L
C = 0 pF
L
V = 0.1 Vp-p
O
R ( )
L W
1k
100
-50
-60
-70
-80
-90
-100
2nd Harmonic
3rd Harmonic
V = 2 Vp-p
O
f = 1 MHz
Frequency (Hz)
10M
100k
1M
-50
-60
-70
-80
-90
-100
2nd Harmonic
3rd Harmonic
V = 2 Vp-p
O
R = 200 W
L
Gain (V/V)
10
1
-50
-60
-70
-80
-90
-100
2nd Harmonic
3rd Harmonic
V = 2 Vp-p
O
f = 1 MHz
R = 200 W
L
Gain (V/V)
10
1
-50
-60
-70
-80
-90
-100
2nd Harmonic
3rd Harmonic
V = 2 Vp-p
O
f = 1 MHz
R = 200 W
L
8
OPA2356-EP
SBOS955 – FEBRUARY 2019
www.ti.com
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = –55°C to 125°C, VS = 5 V, G = 2, RF = 604 Ω, and RL = 150 Ω connected to VS / 2 (unless otherwise noted)
Figure 7. Harmonic Distortion vs Noninverting Gain
Figure 8. Harmonic Distortion vs Inverting Gain
Figure 9. Harmonic Distortion vs Frequency
Figure 10. Harmonic Distortion vs Load Resistance
Figure 11. Input Voltage and Current Noise
Spectral Density vs Frequency
Figure 12. Frequency Response for Various RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com