Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C930 Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 13Page - Advanced Micro Devices AM79C930 Datasheet HTML 14Page - Advanced Micro Devices AM79C930 Datasheet HTML 15Page - Advanced Micro Devices AM79C930 Datasheet HTML 16Page - Advanced Micro Devices AM79C930 Datasheet HTML 17Page - Advanced Micro Devices AM79C930 Datasheet HTML 18Page - Advanced Micro Devices AM79C930 Datasheet HTML 19Page - Advanced Micro Devices AM79C930 Datasheet HTML 20Page - Advanced Micro Devices AM79C930 Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 161 page
background image
Am79C930
17
PRELIMINARY
PCMCIA PIN FUNCTION SUMMARY (continued)
PCMCIA Pin Summary (continued)
No. of
Pins
Pin Name
Pin Function
Pin Style
1
TDO
Test Data Out—this is the data output signal for IEEE 1149.1 testing
TS1
1
TMS
Test Mode Select—this is the test mode select for IEEE 1149.1 testing
I
1
TRST
Test Reset—this is the reset signal for IEEE 1149.1 testing
I
1
USER7
User-programmable pin
PTS3
1
RXC
Receive Clock—provides decode receive clock
PTS3
1
TEST
Test pin—when asserted, this pin places the Am79C930 device into a
nonstandard factory-only test mode
I
1
CLKIN
Clock input to drive BIU, 80188 core, and TAI, supplying network data rate
information
I
2
PMX1–2
Power Management Xtal—32-kHz Xtal input for sleep timer reference
I/XO
1
TXC
Transmit Clock—may be configured either as input or output
TS1
1
LFPE
Low Frequency Power Enable—used to power up the low-frequency section of
the transceiver
PTS1
1
LFCLK
Low Frequency Clock—a reference signal for the transceiver synthesizer
TS1
1
LLOCKE
Low Frequency Synthesizer Lock—a programmable signal
PTS1
1
HFPE
High Frequency Power Enable—used to power up the high-frequency section
of the transceiver
PTS1
1
HFCLK
High Frequency Clock—a reference signal for the transceiver synthesizer
TS1
2
ANTSLT, ANTSLT
Antenna Select—used to select between two antennas
PTS1
2
TXCMD, TXCMD
Transmit Command—used to select the transmit path in the transceiver
TP1, PTS1
1
TXPE
Transmit Power Enable—used to power up the transmit section of the
transceiver
TP1
2
TXDATA, TXDATA
Transmit Data—supplies the transmit data stream to the transceiver
TP1, PTS1
1
TXMOD
Transmit Modulation Enable—enables the modulation of transmit data
TP1
1
RXPE
Receive Power Enable—enables the receive function of the transceiver
PTS1
1
RXDATA
Receive Data—accepts receive data in NRZ format from the transceiver
I
1
FDET
Frame Detect—start of frame delimiter detection indication
TS1
1
RXCIN
Receive Clock Input—optional clock input that allows for an external PLL
IPU
1
SDCLK
Serial Data Clock—clock output used to access serial peripheral devices
PTS1
1
SDDATA
Serial Data Data—data pin used to access serial peripheral devices
PTS1
3
SDSEL3–SDSEL1
Serial Data Select—chip select outputs used to select serial peripheral devices
PTS1
1
ACT
Activity LED—output capable of driving an LED
PTS2
1
LNK
Link LED—output capable of driving an LED
PTS2
1
ADREF
A/D Reference—an input that can be used to set the analog reference voltage
for the internal A/D converter
I
7
SAR6–SAR0
Serial Approximation Register—supplies the value of the serial approximation
register used in the A/D converter
TS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com