Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C930 Datasheet(PDF) 68 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 68 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 64Page - Advanced Micro Devices AM79C930 Datasheet HTML 65Page - Advanced Micro Devices AM79C930 Datasheet HTML 66Page - Advanced Micro Devices AM79C930 Datasheet HTML 67Page - Advanced Micro Devices AM79C930 Datasheet HTML 68Page - Advanced Micro Devices AM79C930 Datasheet HTML 69Page - Advanced Micro Devices AM79C930 Datasheet HTML 70Page - Advanced Micro Devices AM79C930 Datasheet HTML 71Page - Advanced Micro Devices AM79C930 Datasheet HTML 72Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 161 page
background image
AMD
P R E L I M I N A R Y
68
Am79C930
ISA Plug and Play Register Set — The Am79C930 de-
vice fully supports the ISA Plug and Play specification,
revision 1.0a.
The Am79C930 device supports the Plug and Play
Auto-configuration
scheme.
The
Plug
and
Play
ADDRESS Auto-configuration Port, WRITE_DATA
Auto-configuration Port, and READ_DATA Auto-con-
figuration Port are all supported and are mapped into
ISA I/O space as follows:
Am79C930 Device ISA Plug And Play Mode Supported Auto-Configuration Ports
Port Name
ISA (IEEE P996) I/O Address
Access
ADDRESS
0279h
Write only
WRITE_DATA
0A79h
Write only
READ_DATA
0203h – 03FFh (relocatable)
Read only
The location of the READ_DATA Auto-configuration
port is only fixed within the range 0203h–03FFh. The
exact location is determined by a write to the appropriate
Plug
and
Play
Auto-configuration
port
(Set
READ_DATA Auto-configuration port).
The WRITE_DATA port and the READ_DATA port are
not active until the Initiation Key has been sent to the
Am79C930 device through the ADDRESS port. This be-
havior conforms to the requirements of the Plug and
Play specification.
The Am79C930 device implements the four Plug and
Play configuration states: “Wait for Key,” “Sleep,”
Isolation,” and “Config.”
All Plug and Play ports are 8 bits in width.
To fully support the Plug and Play mechanism, the fol-
lowing additional register locations are defined within
the Am79C930 device. Except for the Resource Data
register, these registers are physically located within the
BIU and are accessed indirectly, through setting the
Plug and Play Port Address in the Plug and Play
ADDRESS port (location I/O 0279h) and then by ac-
cessing
either
the
WRITE_DATA
port
or
the
READ_DATA port. The 80188 embedded core does not
have access to the registers in the following table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com