Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C930 Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 67Page - Advanced Micro Devices AM79C930 Datasheet HTML 68Page - Advanced Micro Devices AM79C930 Datasheet HTML 69Page - Advanced Micro Devices AM79C930 Datasheet HTML 70Page - Advanced Micro Devices AM79C930 Datasheet HTML 71Page - Advanced Micro Devices AM79C930 Datasheet HTML 72Page - Advanced Micro Devices AM79C930 Datasheet HTML 73Page - Advanced Micro Devices AM79C930 Datasheet HTML 74Page - Advanced Micro Devices AM79C930 Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 161 page
background image
P R E L I M I N A R Y
AMD
71
Am79C930
80188 Core Memory Map Using Scheme “A”, LMCS=1FF8h, UMCS=E038h, MIR0[6]=0
Active
80188 Address
Active 80188
Am79C930
Size of
in Memory
Chip Select
Chip Select
Space
Physical Location of Memory
0 0000h–0 03FFh
LCS
SCE
1 Kbytes
SRAM Memory 0 0000h–0 03FFh
0 0400h–0 041Fh
LCS
none
32 bytes
TIR 0–31
0 0420h–0 042Fh
LCS
none
16 bytes
MIR 0–15
0 0430h–0 043Fh
LCS
XCE
16 bytes
XCE locations 0–15
0 0440h–0 047Fh
LCS
none
64 bytes
Reserved for future use–access to
these areas is currently undefined
0 0480h–1 FFFFh
LCS
SCE
128K–
SRAM Memory 0 0480h–1 FFFFh
1K–128 bytes
2 0000h–D FFFFh
none
none
768 Kbytes
Undefined
E 0000h–F FFFFh
UCS
FCE
128 Kbytes
Flash Memory 0 0000h–1 FFFFh
The second mapping scheme (scheme “B”) places 32K
of the SRAM, the 32 TIR registers, the 16 MIR registers,
and the 16
XCE locations into the lowest 32K of memory
space, and then maps the upper 96K of Flash memory
to memory locations 32K through 128K. All 128K of the
Flash memory is also available at the uppermost 128K
memory locations of the 80188 core’s address space.
This scheme allows the LMCS register of the 80188
core be set to 07F8h or 0FF8h or 1FF8h. The UMCS
register of the 80188 core must be set to E038h. Also
required is that bit 6 of the MIR0 register (the mapping
select bit) is set to 1. Note that with mapping scheme
“B”, a maximum of 32K–128 bytes of SRAM space is
available for use. The advantage of mapping scheme
“B” is that when all 80188 firmware can fit into 32K of
Flash memory space and the SRAM memory require-
ment for the application is less than or equal to 32K, then
all 80188 operations occur within a single 64K
memory segment.
80188 Core Memory Map Using Scheme “B”, LMCS=1FF8h, UMCS=E038h, MIR0[6]=1
Active
80188 Address
Active 80188
Am79C930
Size of
in Memory
Chip Select
Chip Select
Space
Physical Location of Memory
0 0000h–0 03FFh
LCS
SCE
1 Kbytes
SRAM Memory 0 0000h–0 03FFh
0 0400h–0 041Fh
LCS
none
32 bytes
TIR 0–31
0 0420h–0 042Fh
LCS
none
16 bytes
MIR 0–15
0 0430h–0 043Fh
LCS
XCE
16 bytes
XCE locations 0–15
0 0440h–0 047Fh
LCS
none
64 bytes
Reserved for future use–access to
these areas is currently undefined
0 0480h–0 7FFFh
LCS
SCE
32K–
SRAM Memory 0 0480h–1 FFFFh
1K–128 bytes
0 8000h–1 FFFFh
don’t care
FCE
96 Kbytes
Flash Memory 0 8000h–1 FFFFh
2 0000h–D FFFFh
none
none
768 Kbytes
Undefined
E 0000h–F FFFFh
UCS
FCE
96 Kbytes
Flash Memory 0 0000h–1 FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com