Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C930 Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 55Page - Advanced Micro Devices AM79C930 Datasheet HTML 56Page - Advanced Micro Devices AM79C930 Datasheet HTML 57Page - Advanced Micro Devices AM79C930 Datasheet HTML 58Page - Advanced Micro Devices AM79C930 Datasheet HTML 59Page - Advanced Micro Devices AM79C930 Datasheet HTML 60Page - Advanced Micro Devices AM79C930 Datasheet HTML 61Page - Advanced Micro Devices AM79C930 Datasheet HTML 62Page - Advanced Micro Devices AM79C930 Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 161 page
background image
P R E L I M I N A R Y
AMD
59
Am79C930
Am79C930 Device PCMCIA Mode Resource Requirements
Common
Common
Attribute
Attribute
Memory Range
Memory Size
I/O Range
I/O Size
Memory Range
Memory Size
0000h – 7FFFh
32 Kbytes
0000h – 0027h
40
0000h – 0803h
2 K+4 bytes
OR
OR
OR
0 bytes
0000h – 000Fh
16
bytes
The I/O range is adjusted through bit 2 (EIOW = Expand
I/O Window) of SIR1 = Bank Switching Select register).
Note that since the Am79C930 device’s memory
mapped resources are all accessible through the Local
Memory
Address
Register
and
I/O
Data
Ports
(SIR2,3,4,5,6,7), it is possible to assign the Am79C930
device no memory space. (This is accomplished by
setting the MemSpace field of the TPCE_FS byte of
the Configuration Table Entry Tuple to 00b. This will
inform the PCMCIA configuration utility that the
Am79C930-based design does not require any Com-
mon Memory space.) By assigning
no memory space to
the Am79C930 device, the Am79C930 device will
become an I/O only device. Such an arrangement may
be convenient for systems in which there is not enough
total available memory space to allow the Am79C930
device to use a full 32K block of memory.
Note that when this option is chosen, the total amount of
bus bandwidth required to perform all of the necessary
accesses to the Am79C930-based design will be in-
creased somewhat, because of the indirect nature of the
I/O method of access to Am79C930-based resources.
Note that the Am79C930 device always decodes
the lowest 6 bits of address when an I/O access is
performed with the Am79C930 device’s
CE1 signal ac-
tive. This means that there is aliasing of addresses in I/O
space. This decode function is unaffected by the setting
of the SIR1[2:0] register bits.
PCMCIA Common Memory Resources — While the
common memory space of the Am79C930 device only
accommodates access to 32 Kbytes of memory, the
Am79C930 device uses device select and bank select
bits in SIR1 in order to access a total of 256K of memory
space. Note that PCMCIA accesses to Common mem-
ory locations 7C00h–7FFFh (1K total space) will
some-
times correspond to the same physical locations as
PCMCIA accesses to Attribute memory locations
0000h–07FFh (2K total space), i.e., the correspon-
dence will occur only when the device and bank select
bits of SIR1 are pointing at the upper page of the 128K
Flash memory address space. (Note that for Attribute
memory accesses, only the even-valued addresses are
defined to exist. Therefore, 2K total Attribute memory
addresses have been mapped to 1K of physical space in
the Flash memory.) The following table indicates the
mapping of the 256 Kbytes of physical memory space
into the 32 Kbytes of Common memory:
Am79C930 Device PCMCIA Mode Common Memory Map
PCMCIA Address in
Common Memory
SIR1[5:3]
Size of Space
Physical Memory
0000h – 7FFFh
000
32 Kbytes
SRAM Memory 0 0000h – 0 7FFFh
0000h – 7FFFh
001
32 Kbytes
SRAM Memory 0 8000h – 0 FFFFh
0000h – 7FFFh
010
32 Kbytes
SRAM Memory 1 0000h – 1 7FFFh
0000h – 7FFFh
011
32 Kbytes
SRAM Memory 1 8000h – 1 FFFFh
0000h – 7FFFh
100
32 Kbytes
Flash Memory 0 0000h – 0 7FFFh
0000h – 7FFFh
101
32 Kbytes
Flash Memory 0 8000h – 0 FFFFh
0000h – 7FFFh
110
32 Kbytes
Flash Memory 1 0000h – 1 7FFFh
0000h – 7FFFh
111
32 Kbytes
Flash Memory 1 8000h – 1 FFFFh
TOTAL:
256 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com