Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C930 Datasheet(PDF) 56 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 56 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 52Page - Advanced Micro Devices AM79C930 Datasheet HTML 53Page - Advanced Micro Devices AM79C930 Datasheet HTML 54Page - Advanced Micro Devices AM79C930 Datasheet HTML 55Page - Advanced Micro Devices AM79C930 Datasheet HTML 56Page - Advanced Micro Devices AM79C930 Datasheet HTML 57Page - Advanced Micro Devices AM79C930 Datasheet HTML 58Page - Advanced Micro Devices AM79C930 Datasheet HTML 59Page - Advanced Micro Devices AM79C930 Datasheet HTML 60Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 161 page
background image
AMD
P R E L I M I N A R Y
56
Am79C930
The following is a brief summary of the IEEE 1149.1
compatible
test
functions
implemented
in
the
Am79C930 device:
Boundary Scan Circuit
The boundary scan test circuit uses five pins: TRST,
TCK, TMS, TDI, and TDO. These five pins are collec-
tively labeled the TAP. The boundary scan test circuit in-
cludes a finite state machine (FSM), an instruction
register, and a data register array. Internal pull-up resis-
tors are provided for the TDI and TMS pins. The TCK pin
must not be left unconnected.
TAP FSM
The TAP engine is a 16-state FSM, driven by the Test
Clock (TCK) and the Test Mode Select (TMS) pins. This
FSM is in its reset state at power up or after H_RESET.
The
TRST pin is supported in order to ensure that the
FSM is in the TEST_LOGIC_RESET state before test-
ing is begun.
Supported Instructions
In addition to the minimum IEEE 1149.1 requirements
(BYPASS, EXTEST, and SAMPLE instructions), one
additional instruction (IDCODE) is provided as addi-
tional support for board level testing.
All unused instruc-
tion decodes are reserved.
Instruction Name
Instruction Code
Mode
Selected Data Register
Description
EXTEST
0000
Test
BSR
External Test
ID_CODE
0001
Normal
ID
REG ID Code Inspection
SAMPLE
0010
Normal
BSR
Sample Boundary
Reserved
0011–1110
Reserved
Reserved
Reserved
BYPASS
1111
Normal
Bypass
Bypass Scan
Instruction Register and Decoding Logic
After H_RESET or S_RESET, the IDCODE instruction
is always loaded into the IEEE 1149.1 register. The de-
coding logic gives signals to control the data flow in the
DATA registers according to the current instruction.
Boundary Scan Register (BSR)
Each BSR cell has two stages. A flip-flop and a latch
are used for the SERIAL SHIFT STAGE and for the
PARALLEL OUTPUT STAGE, respectively.
There are four possible operation modes in the
BSR cell:
1
Capture
2
Shift
3
Update
4
System Function
Other Data Registers
(1) BYPASS REGISTER (1 BIT)
(2) DEVICE ID REGISTER (32 BITS)
(3) INSCAN0
Device ID Register Contents:
Bits 31–28:
Version
Bits 27–12:
Part Number (0010 1000 0101 0000)
Bits 11–1:
Manufacturer ID. The 11 bit manufacturer
ID code for AMD is 00000000001 in accor-
dance with JEDEC publication 106-A.
Bit 0:
Always a logic 1
This is an internal scan path for AMD internal
testing use.
Power Saving Modes
Power Down Function
The Am79C930 BIU includes five registers that are used
to invoke a power-down function that will support the
IEEE 802.11 (draft) specified power down by allowing
variable lengths of power-down and power-up time. The
registers include the Processor Interface Register
(MIR0), which contains the Power Down command bit, a
Power Down Length Count set of registers (MIR2,3,4),
and a Power Up Clock Timer (MIR1) register. The power
down sequence is executed by the firmware running
on the embedded 80188, either independently, or in
response to a request from the host. In the PCMCIA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com