Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C930 Datasheet(PDF) 97 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 97 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 93Page - Advanced Micro Devices AM79C930 Datasheet HTML 94Page - Advanced Micro Devices AM79C930 Datasheet HTML 95Page - Advanced Micro Devices AM79C930 Datasheet HTML 96Page - Advanced Micro Devices AM79C930 Datasheet HTML 97Page - Advanced Micro Devices AM79C930 Datasheet HTML 98Page - Advanced Micro Devices AM79C930 Datasheet HTML 99Page - Advanced Micro Devices AM79C930 Datasheet HTML 100Page - Advanced Micro Devices AM79C930 Datasheet HTML 101Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 161 page
background image
P R E L I M I N A R Y
AMD
97
Am79C930
TIR12: Byte Count Register LSB
This register is the Byte count register LSB. This register
contains the lower 8 bits of the 12-bit byte count for
receive and transmit messages. This is a working
register; access by software is not needed for
normal operation.
Bit
Name
Reset Value
Description
7:0
BC[7:0]
00h
Byte Count. Lower eight bits of current byte count for both transmit
and receive operations. During transmit operations, the byte count
reflects the number of bytes that have been transmitted following
the transmission of the Start of Frame Delimiter. CRC is not in-
cluded in this count for TX. During receive operations, the byte
count reflects the number of bytes that have been written into the
RX FIFO. This total excludes Preamble and Start Of Frame
Delimiter bytes, but includes any PHY field and CRC bytes.
Write accesses to this register from the software will cause
unexpected results.
TIR13: Byte Count Register MSB
This register is the Byte count register MSB. This regis-
ter contains the upper 4 bits of the 12-bit byte count for
receive and transmit messages. This is a working
register; access by software is not needed for
normal operation.
Bit
Name
Reset Value
Description
7–4
Reserved
–
Reserved. Must be written as a 0. Reads of this bit produce
undefined data.
3–0
BC[11:8]
0h
Byte Count. Upper 4 bits of current byte count for both transmit and
receive operations. During transmit operations, the byte count re-
flects the number of bytes that have been transmitted following the
transmission of the Start of Frame Delimiter. CRC is not included in
this count for TX. During receive operations, the byte count reflects
the number of bytes that have been written into the RX FIFO. This
total excludes Preamble and Start Of Frame Delimiter bytes, but in-
cludes any PHY field and CRC bytes. Write accesses to this regis-
ter from the software will cause unexpected results.
TIR14: Byte Count Limit LSB
This register is the Byte Count Limit LSB register.
Bit
Name
Reset Value
Description
7–0
BCLT[7:0]
00h
Byte Count Limit. Lower eight bits of byte count limit for both trans-
mit and receive operations, depending upon which operation is
currently occurring. During transmit operations, when the byte
count limit is reached, an interrupt to the 80188 controller will be
generated if the TXBCNT interrupt has been unmasked. During TX,
the byte counter counts all bytes beginning with the first byte after
the SFD field has been detected and does not count the CRC bytes
appended to the TX frame. During RX, when the byte count limit is
reached, an interrupt to the 80188 controller will be generated if the
RXBCNT interrupt has been unmasked. During RX, the byte
counter counts all bytes that follow the Start of Frame Delimiter.
Byte
count
limit
has
no
effect
on
state
machine
or
FIFO operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com