Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C930 Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 34Page - Advanced Micro Devices AM79C930 Datasheet HTML 35Page - Advanced Micro Devices AM79C930 Datasheet HTML 36Page - Advanced Micro Devices AM79C930 Datasheet HTML 37Page - Advanced Micro Devices AM79C930 Datasheet HTML 38Page - Advanced Micro Devices AM79C930 Datasheet HTML 39Page - Advanced Micro Devices AM79C930 Datasheet HTML 40Page - Advanced Micro Devices AM79C930 Datasheet HTML 41Page - Advanced Micro Devices AM79C930 Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 161 page
background image
AMD
P R E L I M I N A R Y
38
Am79C930
Pin 101: SDCLK
The SDCLK pin may be configured for input or output
operation. The output drive may be programmed for reg-
ister-driven or auto-pulse generation. The auto-pulse
may be programmed for either active low or active high
operation. SDCLK pin configuration is accomplished ac-
cording to the following table:
Note that a read of the SDC bit (TIR2[2]) will always
give the current SDCLK pin value, regardless of pin
configuration setting.
SDCLKEN
SDCP
SDC
SDCLK Pin
SDCLK Pin
TCR13[4]
TIR2[3]
TIR2[2]
Direction
Value
0X
X
I
NA
1
0
0
O
LOW
reset default condition
1
1
0
O
HIGH active pulse
(when write to TIR2 occurs)
1
0
1
O
HIGH
1
1
1
O
LOW active pulse
(when write to TIR2 occurs)
Pin 102: SDDATA
The SDDATA pin may be configured for input or output
operation. SDDATA pin configuration is accomplished
according to the following table:
Note that a read of the SDD bit (TIR2[0]) will always
give the current SDDATA pin value, regardless of pin
configuration setting.
SDDT
SDD
SDDATA Pin
SDDATA Pin
TIR2[1]
TIR2[0]
Direction
Value
0
0
O
LOW
reset default condition
0
1
O
HIGH
1X
I
NA
Pin 103:
SDSEL3
The
SDSEL[3] pin may be configured for input or output
operation according to the following table:
Note that a read of the SDS[3] bit (TIR2[6]) will always
give the current
SDSEL[3] pin value without inversion,
regardless of pin configuration setting.
SDSEL3EN
SDS[
3]
SDSEL[3]
SDSEL[3]
TCR13[3]
TIR2[6]
Pin Direction
Pin Value
0X
I
NA
1
0
O
HIGH
reset default condition
1
1
O
LOW
Pin 105:
SDSEL2
The
SDSEL[2] pin may be configured for input or output
operation according to the following table:
Note that a read of the SDS[2] bit (TIR2[5]) will always
give the current
SDSEL[2] pin value without inversion,
regardless of pin configuration setting.
SDSEL2EN
SDS[
2]
SDSEL[2]
SDSEL[2]
TCR13[2]
TIR2[5]
Pin Direction
Pin Value
0X
I
NA
1
0
O
HIGH
reset default condition
1
1
O
LOW
Pin 107:
SDSEL1
The
SDSEL[1] pin may be configured for input or output
operation according to the following table:
Note that a read of the SDS[1] bit (TIR2[4]) will always
give the current
SDSEL[1] pin value without inversion,
regardless of pin configuration setting.
SDSEL1EN
SDS[1]
SDSEL[1]
SDSEL[1]
TCR13[1]
TIR2[4]
Pin Direction
Pin Value
0X
I
NA
1
0
O
HIGH
reset default condition
1
1
O
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com