Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C930 Datasheet(PDF) 93 Page - Advanced Micro Devices

Part # AM79C930
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930 Datasheet(HTML) 93 Page - Advanced Micro Devices

Back Button AM79C930 Datasheet HTML 89Page - Advanced Micro Devices AM79C930 Datasheet HTML 90Page - Advanced Micro Devices AM79C930 Datasheet HTML 91Page - Advanced Micro Devices AM79C930 Datasheet HTML 92Page - Advanced Micro Devices AM79C930 Datasheet HTML 93Page - Advanced Micro Devices AM79C930 Datasheet HTML 94Page - Advanced Micro Devices AM79C930 Datasheet HTML 95Page - Advanced Micro Devices AM79C930 Datasheet HTML 96Page - Advanced Micro Devices AM79C930 Datasheet HTML 97Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 161 page
background image
P R E L I M I N A R Y
AMD
93
Am79C930
(Generated from the internal signal stop_d, which indicates that an-
tenna diversity operation has selected an antenna.) Assertion of
ALOKI indicates the cessation of antenna diversity activity so that
the incoming network signal can be tracked and decoded by the
DPLL. ALOKI will be set to a 1 by the Am79C930 device when the
conditions for stopping the antenna diversity switching as set up in
the Baud Detect Circuit Control Registers, TCR17, TCR18, TCR20,
TCR21, TCR22, and TCR23, and the RSSI Limit Register TIR28,
and the CCA, and Antenna Diversity Control Register TCR28, have
been met.
TIR6: Interrupt Unmask Register 1
Interrupt Unmask Register 1. Each bit in this register will
unmask the corresponding interrupt of Interrupt Regis-
ter 1 (TIR4) when the unmask bit is set to 1. When the
unmask bit for any interrupt is set to 0, then the bit in the
Interrupt register may still become set, but no interrupt
to the 80188 embedded controller will occur.
Bit
Name
Reset Value
Description
7
CHBSYCU
0
CHBSY Change Interrupt Unmask.
6
ANTSWU
0
Antenna Switch Interrupt Unmask.
5
MOREINTU
0
MOREINT Interrupt Unmask.
4
TXCNTUN
0
TX Byte Count Interrupt Unmask.
3
TXDONE
0
TXDONE Interrupt Unmask.
2
CRCSU
0
CRC Start Interrupt Unmask.
1
SDSNTU
0
Start of Frame Delimiter Sent Interrupt Unmask.
0
TXFBNU
0
TX FIFO Byte Needed Interrupt Unmask.
TIR7: Interrupt Unmask Register 2
Interrupt Unmask Register 2.
Each bit in this register will unmask the corresponding
interrupt of Interrupt Register 2 (TIR5) when the unmask
bit is set to 1. When the unmask bit for any interrupt is set
to 0, then the bit in the Interrupt register may still become
set, but no interrupt to the 80188 embedded controller
will occur.
Bit
Name
Reset Value
Description
7
RXCNTU
0
RX Byte Count Interrupt Unmask.
6
CRC8GU
0
CRC8 Good Interrupt Unmask.
5
CRC32GU
0
CRC32 Good Interrupt Unmask.
4
RXFORU
0
RX FIFO Overrun Interrupt Unmask.
3
RXFBAU
0
RX FIFO Byte Available Interrupt Unmask.
2
SDFU
0
Start Delimiter Found Interrupt Unmask.
1
BCFU
0
Busy Channel Found Interrupt Unmask.
0
ALOKIU
0
Antenna Lock Interrupt Found Interrupt Unmask.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com