Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STSAFE-A110 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STSAFE-A110
Description  Authentication, state-of-the-art security for peripherals and IoT devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A110 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STSAFE-A110 Datasheet HTML 13Page - STMicroelectronics STSAFE-A110 Datasheet HTML 14Page - STMicroelectronics STSAFE-A110 Datasheet HTML 15Page - STMicroelectronics STSAFE-A110 Datasheet HTML 16Page - STMicroelectronics STSAFE-A110 Datasheet HTML 17Page - STMicroelectronics STSAFE-A110 Datasheet HTML 18Page - STMicroelectronics STSAFE-A110 Datasheet HTML 19Page - STMicroelectronics STSAFE-A110 Datasheet HTML 20Page - STMicroelectronics STSAFE-A110 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
DS13039 Rev 1
17/36
STSAFE-A110
Pairing with a local host
35
3
Pairing with a local host
To protect and authenticate the link between the STSAFE-A110 and the local host, some
secure channel protocols using symmetric cryptography have been put in place, namely the
host secure channel.
Figure 9. Host and Admin secure channels
The host secure channel protocol protects the link between a local host and the STSAFE-
A110 chip; it constitutes a kind of pairing. It is based on a set of four mechanisms using two
symmetric keys, the so-called host keys. These keys are used to MAC the commands (C-
MAC) and respective responses (R-MAC). They are also used to encrypt the commands
and their respective response to avoid eavesdropping.
3.1
Host secure channel setup use case
In order to execute some specific commands requiring a C-MAC, the local host needs to
generate a Host MAC key and a Host cipher key. It puts these keys into the STSAFE-A110’s
Host key slots.
The PUTATTRIBUTE command is used to input the keys into the STSAFE-A110. It is a free
command until the slots are populated.
The DELETEKEY command deletes the keys. This command requires the Admin secure
channel.
Command flow
This use case assumes that the slots are empty, and cannot be implemented a second time
without first deleting the keys present in the slots.
This operation shall be performed in a secure environment, such as the customer
manufacturing plant.
1.
The local host requests the STSAFE-A110 to generate a 128-bit random to be used as
the host C-MAC key.
2.
The local host requests the STSAFE-A110 to generate a 128-bit random to be used as
the host cipher key.
3.
The local host sends the PUT ATTRIBUTE command for the “Host key slot” attribute,
together with the two generated keys (forming a 256-bit payload).
4.
The STSAFE-A110 chip stores the keys into their respective slots and returns a
successful response.
5.
The local host stores the host C-MAC & cipher keys to a secure area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com