Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STSAFE-A110 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STSAFE-A110
Description  Authentication, state-of-the-art security for peripherals and IoT devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A110 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STSAFE-A110 Datasheet HTML 18Page - STMicroelectronics STSAFE-A110 Datasheet HTML 19Page - STMicroelectronics STSAFE-A110 Datasheet HTML 20Page - STMicroelectronics STSAFE-A110 Datasheet HTML 21Page - STMicroelectronics STSAFE-A110 Datasheet HTML 22Page - STMicroelectronics STSAFE-A110 Datasheet HTML 23Page - STMicroelectronics STSAFE-A110 Datasheet HTML 24Page - STMicroelectronics STSAFE-A110 Datasheet HTML 25Page - STMicroelectronics STSAFE-A110 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Command set
STSAFE-A110
22/36
DS13039 Rev 1
4
Command set
Echo
Returns as a response the data that it received as command data.
Reset
Interrupts any on-going session.
Generate Random
Returns the requested number of random bytes.
Hibernate
Sets the product in very-low-power consumption mode. In Hibernate mode, the device
remains powered but loses its context.Exiting from Hibernate mode can be performed by
triggering the Reset pin or through an I²C start condition. The device restart is equivalent to
a restart after a reset or Power On Reset.
Decrement
Decrements the one-way counter in a counter zone. When the counter reaches zero, the
command is refused.
Read
Used to read data from a data partition zone. It will read the data starting from the specified
offset within the zone and with the requested length. It will check the access conditions (for
example, MAC) and only return the data starting from the specified offset up to the zone
boundary.
This command can also be used to change the read access conditions of the zone to a
more stricter value.
Update
Used to update data in a zone. It checks if the written data will exceed the zone boundary
and if so, does not perform the operation. It also checks whether the access condition is
satisfied (for example, MAC) and if not, does not perform the operation.
This command can also be used to change the update access conditions of the zone to a
stricter value.
Verify Signature
This command is used for message authentication. It verifies the signature over the
message digest that is computed by the host and given to the STSAFE-A110 chip in the
command data together with the public key, the ID of the curve and the signature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com