Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STSAFE-A110 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STSAFE-A110
Description  Authentication, state-of-the-art security for peripherals and IoT devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A110 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STSAFE-A110 Datasheet HTML 20Page - STMicroelectronics STSAFE-A110 Datasheet HTML 21Page - STMicroelectronics STSAFE-A110 Datasheet HTML 22Page - STMicroelectronics STSAFE-A110 Datasheet HTML 23Page - STMicroelectronics STSAFE-A110 Datasheet HTML 24Page - STMicroelectronics STSAFE-A110 Datasheet HTML 25Page - STMicroelectronics STSAFE-A110 Datasheet HTML 26Page - STMicroelectronics STSAFE-A110 Datasheet HTML 27Page - STMicroelectronics STSAFE-A110 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
Electrical characteristics
STSAFE-A110
24/36
DS13039 Rev 1
5
Electrical characteristics
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristic tables that
follow are derived from tests performed under the measurement conditions summarized in
the relevant tables. Users should check that the operating conditions in their circuit match
the measurement conditions when relying on the quoted parameters.
5.1
Absolute maximum ratings
Operation of STSAFE-A110 at ranges above the absolute maximum specifications may
cause permanent device damage. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
5.2
Power supply
The circuit includes a DC/DC converter that supplies the internal logic and memories with a
low operating voltage. The device can operate with external voltages of 1.62 V to 5.5 V
nominally, through GND and VCC pins.
In order to filter spurious spikes on the supply voltage pins, decoupling capacitors (100 nF
and 10 µF) must be added to the interface device as shown on Figure 13. They must be
wired between GND and VCC pins.
Note:
For each device, the 100 nF decoupling capacitor must be located as close as possible to
the device (within a few millimeters). If there are multiple power supplies, a 10 µF filtering
capacitor must be located on each one.
Table 2. Absolute maximum ratings
Name
Description
Conditions
Min.
Max.
Units
VCC ABS Absolute maximum power supply Pins: VCC
–0.3
7
V
VIO
Input or output voltage relative to
ground
-
–0.3
VCC ABS + 0.3
V
VESD
Electrostatic Discharge Voltage
according to EIA/JEDEC JESD22-
A114E specification
Human Body Model.
All pins according to
specification
-
±5000
V
VLU
Max over voltage for Latch-up
Immunity according to
EIA/JEDEC - JESD78
specification
Class 1 / Level A
Maximum operating
temperature
1.5 × VCC ABS
V
TA
Ambient operating temperature
-
–40
105
°C
TSTG
Storage temperature
-
–65
150
°C
TLEAD
Lead temperature during soldering(1)
1. SO8N and UFDFPN8 lead temperature during soldering shall be compliant with JEDEC Std J-STD-020D
(for small body, Sn-Pb or Pb assembly), ST ECOPACK® 7191395 specification, and the European
directive on Restrictions on Hazardous Substances (ROHS directive 2011/65/EU, July 2011).
-260
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com