Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STSAFE-A110 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STSAFE-A110
Description  Authentication, state-of-the-art security for peripherals and IoT devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A110 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STSAFE-A110 Datasheet HTML 23Page - STMicroelectronics STSAFE-A110 Datasheet HTML 24Page - STMicroelectronics STSAFE-A110 Datasheet HTML 25Page - STMicroelectronics STSAFE-A110 Datasheet HTML 26Page - STMicroelectronics STSAFE-A110 Datasheet HTML 27Page - STMicroelectronics STSAFE-A110 Datasheet HTML 28Page - STMicroelectronics STSAFE-A110 Datasheet HTML 29Page - STMicroelectronics STSAFE-A110 Datasheet HTML 30Page - STMicroelectronics STSAFE-A110 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
DS13039 Rev 1
27/36
STSAFE-A110
Electrical characteristics
35
5.2.5
Power consumption optimization
When the STSAFE-A110 is not in use, it is possible to decrease its power consumption by
removing the power supply properly.
This could be achieved by using a transistor to pilot the STSAFE-A110 power supply, or by
using a GPIO able to provide an ICC-PROC current that respects the STSAFE-A110 powering
conditions.
Note:
The RESET signal must remain low when power is removed.
5.3
DC characteristics
The following tables provide the detailed description of the DC operating conditions of
STSAFE-A110 from 1.62 V to 5.5 V voltages.
Note:
VCC Max is the maximum VCC as defined in Table 3: Power supply specifications.
Tset_4mA
Minimum time required to supply
4 mA
From POWER
OFF
-
-
500
ns
From IDLE
-
-
150
tWL
Pulse width for Reset
-
1
-
-
µs
tR/tF
Reset
Reset rise and fall time
VCC > VPOR
--
1
µs
tI2C_
READY
Delay for STSAFE-A110 to accept
I²C commands after a reset
sequence.
-20
-
50
ms
Table 4. Power-on and reset sequence timings (continued)
Name
Description
Conditions
Min.
Typ.
Max.
Units
Table 5. DC operating specifications and input parameters
Name
Description
Conditions
Min.
Max.
Units
VIH
Input high voltage
T = 25 °C
0.7 × VCC
-V
VIL
Input low voltage
T = 25 °C
0
0.3 × VCC
V
IIH
Input high current
RST
0
20
µA
SDA, SCL
−11
IIL
Input low current
RST
0
2
µA
SDA, SCL
−11
µA
VOL
Output low voltage
IOL = 1 mA
-
0.54
V
IOL
Output low current
VCC = 3.3 V and
VOL = 0.4 V
3-
mA
CIN1
SCL input capacitance
VIN = 0 to VCC Max
-30
pF
CIN2
SDA input capacitance
VIN = 0 to VCC Max
-30
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com