Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STSAFE-A110 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STSAFE-A110
Description  Authentication, state-of-the-art security for peripherals and IoT devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A110 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STSAFE-A110 Datasheet HTML 22Page - STMicroelectronics STSAFE-A110 Datasheet HTML 23Page - STMicroelectronics STSAFE-A110 Datasheet HTML 24Page - STMicroelectronics STSAFE-A110 Datasheet HTML 25Page - STMicroelectronics STSAFE-A110 Datasheet HTML 26Page - STMicroelectronics STSAFE-A110 Datasheet HTML 27Page - STMicroelectronics STSAFE-A110 Datasheet HTML 28Page - STMicroelectronics STSAFE-A110 Datasheet HTML 29Page - STMicroelectronics STSAFE-A110 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Electrical characteristics
STSAFE-A110
26/36
DS13039 Rev 1
It is recommended to use an application that is able to manage the RESET pin through a
host GPIO to force reset upon alarm detection.
5.2.3
Reset pin (external reset)
The circuit is in reset state when the Reset signal available on the RESET pin is at logical
level ‘0’. If this signal is low for less than tWL, it is not taken into account.
When the RESET pin is floating, an external reset is not available and the device will remain
in a Reset state as the pin is connected to an internal weak pull-down.
When pin VCC is tied high, if the RESET pin switches from high to low and then to high
again, a warm reset occurs. For more information, refer to Figure 15: Warm reset sequence
on page 26.
5.2.4
Power-on and reset sequence
Figure 14. Power-on and reset sequence
Figure 15. Warm reset sequence
Table 4. Power-on and reset sequence timings
Name
Description
Conditions
Min.
Typ.
Max.
Units
tHL
Minimum time before de-asserting
RESET after power-up
-0
-
-
µs
SVCC
VCC rising slope (from 10% to 90%
of nominal value)
-
0.05
-
5
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com