Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STSAFE-A110 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STSAFE-A110
Description  Authentication, state-of-the-art security for peripherals and IoT devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A110 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STSAFE-A110 Datasheet HTML 21Page - STMicroelectronics STSAFE-A110 Datasheet HTML 22Page - STMicroelectronics STSAFE-A110 Datasheet HTML 23Page - STMicroelectronics STSAFE-A110 Datasheet HTML 24Page - STMicroelectronics STSAFE-A110 Datasheet HTML 25Page - STMicroelectronics STSAFE-A110 Datasheet HTML 26Page - STMicroelectronics STSAFE-A110 Datasheet HTML 27Page - STMicroelectronics STSAFE-A110 Datasheet HTML 28Page - STMicroelectronics STSAFE-A110 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
DS13039 Rev 1
25/36
STSAFE-A110
Electrical characteristics
35
Figure 13. Filtering capacitors on VCC
5.2.1
Power supply specifications
Table 3 provides the detailed description of the power requirements of STSAFE-A110.
5.2.2
Power-on and power-off sequences, and power supply glitch tolerance
The power-on sequence on STSAFE-A110 products need to follow the requirements
mentioned below:
•
The RESET pin must not be tight to High prior to the VCC power pin.
•
The RESET pin must be tied low prior to or simultaneously with the VCC pin.
•
The voltage applied to the VCC pin must be less than or equal to 0.3 V prior to starting a
new power-on sequence.
For security purposes, the STSAFE-A110 embeds detectors. When these are trigged, the
STSAFE-A100 device enters the Reset state until a power cycle or a reset event occurs.
Table 3. Power supply specifications
Name
Description
Conditions
Min.
Typ.
Max.
Units
VPOR
Power on reset voltage
-
1.35
1.45
1.55
V
VCC
Supply voltage
VCC to GND
1.62
-
5.5
V
VCC-HIPS
High power supply
detection
-5.6
6.3
6.9
V
ICC-PROC
Supply current while
processing a command
-14
18
21
mA
ICC-STDBY
Supply current in standby
IO pulled up to VCC,
TA = 25 °C, 3 V to
5 V
160
245
460
µA
ICC-RESET
Supply current during
reset
RESET = 0
200
450
800
µA
ICC-HIBERNATE
Supply current during
hibernate
RESET = 1 (1)
TA = 25 °C
1. RESET must be tied to VCC ± 200mV in case of Wake-up from Hibernate on Reset event selected.
RESET, SDA and SCL must be tied to VCC ± 200mV in case of Wake-up from Hibernate on Reset event or
I²C start condition selected.
0.2
1.1
3
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com