Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STSAFE-A110 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STSAFE-A110
Description  Authentication, state-of-the-art security for peripherals and IoT devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A110 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STSAFE-A110 Datasheet HTML 24Page - STMicroelectronics STSAFE-A110 Datasheet HTML 25Page - STMicroelectronics STSAFE-A110 Datasheet HTML 26Page - STMicroelectronics STSAFE-A110 Datasheet HTML 27Page - STMicroelectronics STSAFE-A110 Datasheet HTML 28Page - STMicroelectronics STSAFE-A110 Datasheet HTML 29Page - STMicroelectronics STSAFE-A110 Datasheet HTML 30Page - STMicroelectronics STSAFE-A110 Datasheet HTML 31Page - STMicroelectronics STSAFE-A110 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Electrical characteristics
STSAFE-A110
28/36
DS13039 Rev 1
5.4
AC characteristics
Table 6. AC characteristics
Name
Description
Min.
Typ.
Max.
Units
tR, tF Reset
Reset rise and fall time
-
-
1
µs
tWL
Pulse width for Reset
1
-
-
µs
Table 7. I²C operating conditions
Name
Description
Standard mode
Fast mode
Units
Min.
Max.
Min.
Max.
fSCL
SCL frequency of sub-device: processor
-
100
-
400
kHz
tHD;STA
Input low to Clock low (Start condition
hold time)
4.0
-
0.6
-
µs
tLOW
Low period of SCL clock
4.7
-
1.3
-
µs
tHIGH
High period of SCL clock
4.0
-
0.6
-
µs
tSU;STA
Clock high to Input Transition / Setup time
for a (repeated) Start condition
See Note
4.7
-
0.6
-
µs
tHD;DAT
Clock low to Input transition
0(1)
1. The device must internally provide a hold time of at least 300 ns for the SDA signal in order to bridge the
undefined region of the falling edge of SCL.
(2)
2. The maximum tHD;DAT could be 3.45 µs and 0.9 µs for Standard mode and Fast mode, but must be less
than the maximum of tVD;DAT or tVD;ACK by a transition time. This maximum must only be met if the device
does not stretch the LOW period (tLOW) of the SCL signal. If the clock stretches the SCL signal, the data
must be valid by the setup time before it releases the clock.
0(1)
(2)
µs
tSU;DAT
Input transition to Clock transition Data
setup time
250
-
100
-
ns
tSU;STO
Clock high to Input high (Stop)
4.0
-
0.6
-
µs
tBUF
Input high to Input low (bus free between
stop and start)
4.7
-
1.3
-
µs
tR
Clock and Data rise time on load
capacitance of 30 pF
-
1000
20
300
ns
tF
Clock and Data fall time on load
capacitance of 30 pF
-
300
10
300
ns
Table 8. I²C filter characteristics
Symbol
Parameter
Min
Max
Unit
tSP(1)
1. Guaranteed by design, not tested in production
Pulse width of spikes that are suppressed by filter
0
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com