Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STSAFE-A110 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STSAFE-A110
Description  Authentication, state-of-the-art security for peripherals and IoT devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSAFE-A110 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STSAFE-A110 Datasheet HTML 19Page - STMicroelectronics STSAFE-A110 Datasheet HTML 20Page - STMicroelectronics STSAFE-A110 Datasheet HTML 21Page - STMicroelectronics STSAFE-A110 Datasheet HTML 22Page - STMicroelectronics STSAFE-A110 Datasheet HTML 23Page - STMicroelectronics STSAFE-A110 Datasheet HTML 24Page - STMicroelectronics STSAFE-A110 Datasheet HTML 25Page - STMicroelectronics STSAFE-A110 Datasheet HTML 26Page - STMicroelectronics STSAFE-A110 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
DS13039 Rev 1
23/36
STSAFE-A110
Command set
35
Establish Key
This command can be used to establish a shared secret between two hosts by using
asymmetric cryptography. The STSAFE-A110 chip computes and provides the shared
secret using a private key already in the STSAFE-A110, the provided host’s public key and a
selected ECC.
Query
Used to check how the chip is configured.
Generate Key
This command is used to generate key pairs (asymmetric cryptography) or local envelope
keys (symmetric cryptography).
Wrap Local Envelope
This command is used to wrap data (typically session keys that are entirely managed by the
local host) with a local key envelope using an AES key wrap algorithm.
Unwrap Local Envelope
This command is used to unwrap a local envelope with a local envelope key.
Encrypt
This command is used to encrypt data with one of the AES keys in the symmetric key table.
Decrypt
This command is used to decrypt data with one of the AES keys in the symmetric key table.
Generate MAC
This command is used to sign data with one of the AES keys in the symmetric key table.
Verify MAC
This command is used to verify data with one of the AES keys in the symmetric key table.
Put Attribute
This command is used to put attributes in the STSAFE-A110 chips like keys, a password,
the host’s public key or I²C parameters.
Verify Password
This command performs password verification and remembers the outcome for future
authorization of Put Attribute commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com