Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9915-CB Datasheet(PDF) 5 Page - STMicroelectronics

Part # L9915-CB
Description  C-terminal alternator voltage regulator (CTAVR)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9915-CB Datasheet(HTML) 5 Page - STMicroelectronics

  L9915-CB Datasheet HTML 1Page - STMicroelectronics L9915-CB Datasheet HTML 2Page - STMicroelectronics L9915-CB Datasheet HTML 3Page - STMicroelectronics L9915-CB Datasheet HTML 4Page - STMicroelectronics L9915-CB Datasheet HTML 5Page - STMicroelectronics L9915-CB Datasheet HTML 6Page - STMicroelectronics L9915-CB Datasheet HTML 7Page - STMicroelectronics L9915-CB Datasheet HTML 8Page - STMicroelectronics L9915-CB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DocID026400 Rev 1
5/21
L9915
Functional description
20
1
Functional description
The device, supplied by the battery through B pin, remains in standby condition with low
current consumption until there is no activity on the pins L, C or PH. When the switch "Key"
is closed (i.e. VL>VLHTh) or the ECU communicates via C-Terminal protocol through C pin
(i.e. signal freq. on C pin between 100 Hz and 500 Hz) the device exits in standby condition
and goes in pre-excitation characterized by an activity on F pin with fixed frequency (fFSW)
and duty cycle (DFPreex). The device remains in pre-excitation until the alternator does not
run. When an activity is sensed on PH pin (i.e. VPH>VPHTh and fPH>fPHPrex) the device
starts to regulate; if the communication is present on C pin the regulator goes in external
regulation mode, otherwise it goes in internal regulation mode.
Another possibility for the device to start to regulate is the self start. In this way, although
there is no activity on pins L or C (for example due to connector open), if an activity is
sensed on PH pin (i.e. VPH>VPHTh and fPH>fPHPrex) the device goes in self start
characterized by an activity on F pin with fixed frequency (fFSW) and duty cycle (DFSS).
When the frequency on PH pin rises above fPSS the device starts to regulate with the
internal regulation mode.
The regulator stops to regulate when the frequency on PH pin falls below fPLPrex. If there is
activity on L or C pins the device stays in pre-excitation otherwise comes back in standby.
1.1
Application schematic
Figure 1. Application schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com