Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9915-CB Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9915-CB
Description  C-terminal alternator voltage regulator (CTAVR)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9915-CB Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9915-CB Datasheet HTML 9Page - STMicroelectronics L9915-CB Datasheet HTML 10Page - STMicroelectronics L9915-CB Datasheet HTML 11Page - STMicroelectronics L9915-CB Datasheet HTML 12Page - STMicroelectronics L9915-CB Datasheet HTML 13Page - STMicroelectronics L9915-CB Datasheet HTML 14Page - STMicroelectronics L9915-CB Datasheet HTML 15Page - STMicroelectronics L9915-CB Datasheet HTML 16Page - STMicroelectronics L9915-CB Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DocID026400 Rev 1
13/21
L9915
Electrical specification
20
3.3.3
Excitation fixed function
The excitation fixed function is active each time the COM duty cycle is between 4% and 8%.
Figure 8. State diagram
Table 8. Truth table for excitation fixed function
Mode
Frequency
on phase
terminal
COM
duty
cycle
Lamp terminal condition
Field terminal condition
Start delay
timer
1
< Turn On
Speed
6 ±2%
Lamp On
DFPreex (Pre-Excitation Duty Cycle)
N/A
2
< Turn On
Speed
No COM
Lamp On
DFPreex (Pre-Excitation Duty Cycle)
Off
3
< Turn On
Speed
 3% or
 9%
Lamp On
DFPreex (Pre-Excitation Duty Cycle)
N/A
4
> Turn On
Speed
6 ±2%
Lamp Off unless Fault
Detected
DFef (Excitation Fixed Duty Cycle
unless Phase regulation is required
N/A
5
> Turn On
Speed
 3% or
 9%
Lamp Off unless Fault
Detected
Normal Regulation set by COM
Off
6
> Turn On
Speed
No COM
Lamp Off unless Fault
Detected
Normal Regulation-Default setpoint
On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com