Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9915-CB Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9915-CB
Description  C-terminal alternator voltage regulator (CTAVR)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9915-CB Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9915-CB Datasheet HTML 6Page - STMicroelectronics L9915-CB Datasheet HTML 7Page - STMicroelectronics L9915-CB Datasheet HTML 8Page - STMicroelectronics L9915-CB Datasheet HTML 9Page - STMicroelectronics L9915-CB Datasheet HTML 10Page - STMicroelectronics L9915-CB Datasheet HTML 11Page - STMicroelectronics L9915-CB Datasheet HTML 12Page - STMicroelectronics L9915-CB Datasheet HTML 13Page - STMicroelectronics L9915-CB Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Electrical specification
L9915
10/21
DocID026400 Rev 1
Figure 3. Internal regulation curves versus temperature @ F duty cycle = 15%
Figure 4. External regulation curve versus C duty cycle @ TJ = 30 °C and F
duty cycle = 15%
VBUV
Under voltage
See note (1)
-400
VBlow+
700
+400
mV
VBlow
Low Voltage
See note (1)
6
6.5
7
V
1. In order to avoid unpredictable regulation regions during the engine start, the regulator implements a cranking security function.
Table 6. Electrical characteristics - Pin “B” (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com