Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9915-CB Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9915-CB
Description  C-terminal alternator voltage regulator (CTAVR)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9915-CB Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9915-CB Datasheet HTML 10Page - STMicroelectronics L9915-CB Datasheet HTML 11Page - STMicroelectronics L9915-CB Datasheet HTML 12Page - STMicroelectronics L9915-CB Datasheet HTML 13Page - STMicroelectronics L9915-CB Datasheet HTML 14Page - STMicroelectronics L9915-CB Datasheet HTML 15Page - STMicroelectronics L9915-CB Datasheet HTML 16Page - STMicroelectronics L9915-CB Datasheet HTML 17Page - STMicroelectronics L9915-CB Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Electrical specification
L9915
14/21
DocID026400 Rev 1
Figure 9. Excitation fixed function is active by Com duty 6 ±2% after cut-in RPM
3.3.4
Pin "FM"
Figure 10. Pin “FM” circuit and waveform
Table 9. Electrical characteristics - Pin "FM"
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VMLVS
Low voltage
saturation
I-sink = 7 mA
0.9
1.2
1.5
V
fMSW
Field monitor
frequency switch
option
Direct field
212.5
250
287.5
Hz
DMDCR
Field monitor duty
cycle range
-5
-
95
%
IMlim
Field monitor
current limitation
-25
50
75
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com