Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9915-CB Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9915-CB
Description  C-terminal alternator voltage regulator (CTAVR)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9915-CB Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9915-CB Datasheet HTML 13Page - STMicroelectronics L9915-CB Datasheet HTML 14Page - STMicroelectronics L9915-CB Datasheet HTML 15Page - STMicroelectronics L9915-CB Datasheet HTML 16Page - STMicroelectronics L9915-CB Datasheet HTML 17Page - STMicroelectronics L9915-CB Datasheet HTML 18Page - STMicroelectronics L9915-CB Datasheet HTML 19Page - STMicroelectronics L9915-CB Datasheet HTML 20Page - STMicroelectronics L9915-CB Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Electrical specification
L9915
18/21
DocID026400 Rev 1
3.3.8
Pin "L"
Alarm detection
The device turns ON the lamp after the validation time (TLalarm) if one of the conditions in
the below table is verified.
Table 13. Electrical characteristics - Pin “L”
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VLsat
Lamp driver
saturation voltage
VB = 12.5 V; Isunk = 0.5 A
1
1.2
1.4
V
VLsatSB
Lamp driver
saturation voltage in
self bias condition
B pin floating; Isunk = 300 mA
1
-
4
V
RLpulldw Pull down resistor
-
2
4
8.2
VLHTh
High voltage
threshold key-ON
detector
-
0.8
0.9
1
V
VLLTh
Low voltage
threshold key-on
detector
-
0.7
0.8
0.9
V
ILlim
Over-current
limitation
-
1
1.5
2
A
TLOC
Maximum time
duration of linear
current limitation
25
30
35
ms
TLretry
Retry time in case of
over-current
duration > TLOC
510
600
690
ms
TLdelay
Turn on delay time
-
-
-
100
μs
TLalarm
Alarm validation
time
-
340
400
460
ms
Table 14. TLalarm validation time conditions
Detection condition
Related pin
VPH<VPHTh or PH frequency < fPLPrex
No activity on PH pin
VPH< VPprTh
F driver or its connection degraded
IF>IFOVP
F shortened to GND (Over-current on F driver)
VB>(VBISP,VBESP) and VF>VFONdet
F shortened to B
VB>VBIntOvp | VB>VBExtOvp
Battery sensor on B pin or F driver degraded
VB<VBUV
Low B Voltage (Battery under-voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com