Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9915-CB Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9915-CB
Description  C-terminal alternator voltage regulator (CTAVR)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9915-CB Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9915-CB Datasheet HTML 3Page - STMicroelectronics L9915-CB Datasheet HTML 4Page - STMicroelectronics L9915-CB Datasheet HTML 5Page - STMicroelectronics L9915-CB Datasheet HTML 6Page - STMicroelectronics L9915-CB Datasheet HTML 7Page - STMicroelectronics L9915-CB Datasheet HTML 8Page - STMicroelectronics L9915-CB Datasheet HTML 9Page - STMicroelectronics L9915-CB Datasheet HTML 10Page - STMicroelectronics L9915-CB Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DocID026400 Rev 1
7/21
L9915
Pin description
20
2
Pin description
Figure 2. Pin connection (top view)
Table 2. Pin description
Pin
Function
1
PH
Phase sense input
2
XX
Reserved pin (to be connected to GND)
3
C
C-Terminal (PWM signal input coming from ECU)
4
FM
Field Monitor (PWM signal going to ECU)
5
GND
Regulator ground
6
F
High side driver output to control the Field current
7
L
Key sensing and Warning Lamp terminal output
8
B
Device power supply and Battery voltage sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com